Electronic Components Datasheet Search
  English  ▼

X  

SLR-343X Datasheet (PDF) - Rohm

SLR-343X Datasheet PDF - Rohm
Part # SLR-343X
Download  SLR-343X Download

File Size   905.74 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Circular LED lamp

SLR-343X Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-343X Datasheet PDF - Rohm

Part # SLR-343X
Download  SLR-343X Click to download

File Size   905.74 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Circular LED lamp

SLR-343X Datasheet (HTML) - Rohm


SLR-343X Product details

■Features
• Viewing angle 2θ 1/2 : 40°
• Competent to direct mount




Similar Part No. - SLR-343X

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343 ROHM-SLR-343 Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343 ROHM-SLR-343 Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343DC ROHM-SLR-343DC Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Competent to direct mount
More results


Similar Description - SLR-343X

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V Datasheet
44Kb / 1P
   10mm CIRCULAR BA9 BASE LAMP, 590mm AllnGaP YELLOW LED
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V_17 Datasheet
44Kb / 1P
   10mm Circular Ba9 Base Lamp
logo
Dialight Corporation
AR111-LV-CW-SP DIALIGHT-AR111-LV-CW-SP Datasheet
176Kb / 2P
   CIRCULAR LED MODULES
logo
LUMEX INC.
SSP-24MB156U12G LUMEX-SSP-24MB156U12G Datasheet
49Kb / 1P
   1.28 CIRCULAR, 24 LAMP POLYLED
SSP-D29B9SUGC-12V LUMEX-SSP-D29B9SUGC-12V Datasheet
44Kb / 1P
   10mm CIRCULAR BA9 BASE LAMP
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
   10mm CIRCULAR E10 BASE LAMP
logo
Dialight Corporation
MR16-LV-CW-SP DIALIGHT-MR16-LV-CW-SP Datasheet
97Kb / 2P
   CIRCULAR LED MODULES
logo
Marktech Corporate
MT206-R MARKTECH-MT206-R Datasheet
28Kb / 1P
   2mm CIRCULAR LED LAMPS
logo
Dialight Corporation
PWARD-C1-CW-SP DIALIGHT-PWARD-C1-CW-SP Datasheet
140Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
PWMRD-C1-CW-SP DIALIGHT-PWMRD-C1-CW-SP Datasheet
125Kb / 2P
   POWERWHITE CIRCULAR LED MODULES
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com