Electronic Components Datasheet Search
  English  ▼

X  

650201471G Datasheet (PDF) - AUREL S.p.A.

650201471G Datasheet PDF - AUREL S.p.A.
Part # 650201471G
Download  650201471G Download

File Size   716.22 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description Band pass filtered Super Het OOK Receiver 433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU)

650201471G Datasheet (PDF)

Go To PDF Page Download Datasheet
650201471G Datasheet PDF - AUREL S.p.A.

Part # 650201471G
Download  650201471G Click to download

File Size   716.22 Kbytes
Page   1 Pages
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.
Description Band pass filtered Super Het OOK Receiver 433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU)

650201471G Datasheet (HTML) - AUREL S.p.A.


650201471G Product details

DESCRIPTION
Low cost OOK receiver working at 433.92 Mhz with band pass
filter, compliant with RED (Radio Equipment Directive
2014/53/EU) and in particular with harmonics standards:
• EN 301 489-3: V2.1.1 (final draft)
EN 300 220-2: V3.1.1
ESD antenna protection in compliance with EN61000-4-2.




Similar Part No. - 650201471G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650201472G AUREL-650201472G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
26.04.2018 - Rev A
650201474G AUREL-650201474G Datasheet
1Mb / 1P
TM LoRa Repeater providing long range communication
650201475G AUREL-650201475G Datasheet
727Kb / 1P
SOS Long Distance Remote Control based on LoRa™ modulation
650201476G AUREL-650201476G Datasheet
118Kb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
More results


Similar Description - 650201471G

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
650201472G AUREL-650201472G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
26.04.2018 - Rev A
650201464G AUREL-650201464G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
26.04.2018 - Rev A
650201461G AUREL-650201461G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
05.06.2019 - Rev A
650201528G AUREL-650201528G Datasheet
1Mb / 1P
RED COMPLIANT 2014/53/EU OOK 433 MHz SAW filtered Receiver
09 December, 2019 Rev 01
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
315/433.92 MHZ OOK RECEIVER
logo
Princeton Technology Co...
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
Compact 433.92 MHz OOK/ASK Receiver
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
Compact 433.92 MHz OOK/ASK Receiver
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
logo
Murata Manufacturing Co...
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
433.92 MHz Receiver Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com