Electronic Components Datasheet Search
  English  ▼

X  

74HC/HCT283 Datasheet (PDF) - NXP Semiconductors

74HC/HCT283 Datasheet PDF - NXP Semiconductors
Part # 74HC/HCT283
Download  74HC/HCT283 Download
File Size   65.51 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit binary full adder with fast carry

74HC/HCT283 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC/HCT283 Datasheet PDF - NXP Semiconductors

Part # 74HC/HCT283
Download  74HC/HCT283 Click to download

File Size   65.51 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit binary full adder with fast carry

74HC/HCT283 Datasheet (HTML) - NXP Semiconductors


74HC/HCT283 Product details

FEATURES
· High-speed 4-bit binary addition
· Cascadable in 4-bit increments
· Fast internal look-ahead carry
· Output capability: standard
· ICC category: MSI

GENERAL DESCRIPTION
The 74HC/HCT283 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT283 add two 4-bit binary words (An plus Bn)
plus the incoming carry. The binary sum appears on the
sum outputs (å1 to å4) and the out-going carry (COUT)
according to the equation:
CIN + (A1 + B1) + 2(A2 + B2) + +4(A3 + B3) + 8(A4 + B4) =
= å1 + 2å2 + 4å3 + 8å4 + 16COUT
Where (+) = plus.
Due to the symmetry of the binary add function, the “283”
can be used with either all active HIGH operands (positive
logic) or all active LOW operands (negative logic); see
function table. In case of all active LOW operands the
results å1 to å4 and COUT should be interpreted also as
active LOW. With active HIGH inputs, CIN must be held
LOW when no “carry in” is intended. Interchanging inputs
of equal weight does not affect the operation, thus CIN, A1,
B1 can be assigned arbitrarily to pins 5, 6, 7, etc.
See the “583” for the BCD version.




Similar Part No. - 74HC/HCT283

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC/HCT21 PHILIPS-74HC/HCT21 Datasheet
37Kb / 6P
Dual 4-input AND gate
December 1990
More results


Similar Description - 74HC/HCT283

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
4-bit binary full adder with fast carry
December 1990
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
4-bit Binary Full Adder with Fast Carry
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com