Electronic Components Datasheet Search
  English  ▼

X  

TPS92664-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS92664-Q1 Datasheet PDF - Texas Instruments
Part # TPS92664-Q1
Download  TPS92664-Q1 Download

File Size   969.8 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92664-Q1 Automotive Low Noise 16-Channel LED Matrix Manager with Advance Diagnostics, Integrated Oscillator, and EEPROM

TPS92664-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92664-Q1 Datasheet PDF - Texas Instruments

Part # TPS92664-Q1
Download  TPS92664-Q1 Click to download

File Size   969.8 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92664-Q1 Automotive Low Noise 16-Channel LED Matrix Manager with Advance Diagnostics, Integrated Oscillator, and EEPROM

TPS92664-Q1 Datasheet (HTML) - Texas Instruments


TPS92664-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Grade 1: –40°C to 125°C ambient temperature
– Device HBM classification level H1C
– Device CDM classification level C5
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL B
• 16 integrated bypass switches
– Programmable 10-bit PWM dimming
– Programmable slew rate control
– LED open detection and protection
– Single LED short detection
• UART serial communication
– Internal oscillator for system clock
– LVDS clock driver for synchronizing devices
– Previous LMM generation compatible
– CAN transceiver compatible
• Integrated ADC
– LED voltage for each switch
– LED current monitor
– Die temperature
– 2x general ADC inputs (thermistor compatible)
• Internal EEPROM (MTP)
– Failsafe default settings
– Customer calibration data

2 Applications
• Automotive headlight systems
• ADB or glare-free high beam
• Sequential turn, animated daytime running lights

3 Description
The TPS92664 LED matrix manager device enables
fully dynamic adaptive lighting solutions by providing
individual pixel-level LED control. The device includes
four sub-strings of four series connected integrated
switches for bypassing individual LEDs. The individual
sub-strings allow the device to accept either single or
multiple current sources.
The TPS92664 features an internal oscillator.
The internal oscillator can be shared to other
system devices through the internal low noise
LVDS transmitter and receiver blocks. The multidrop,
universal, asynchronous, receiver transmitter
(UART) serial interface is compatible with TPS92665,
TPS92667, TPS92662x and TPS92663x devices.
The internal EEPROM can store system defaults as
well as calibration and lighting module data. An onboard
ADC with multiplexed inputs samples all LED
channels as well as IC die temperature and an LED
current sense. The ADC also samples dedicated ADC
inputs for use with system temperature compensation,
LED binning and coding.
The TPS92664 incorporates registers for
programming phase shift and pulse width of each
individual LED in the string and for reporting LED
open, short faults and functional parameters.




Similar Part No. - TPS92664-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with IC OTP ROM Current Trim
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results


Similar Description - TPS92664-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92665-Q1 TI-TPS92665-Q1 Datasheet
967Kb / 11P
[Old version datasheet]   TPS92665-Q1 Automotive Low Noise 16-Channel LED Matrix Manager with Advance Diagnostics and Integrated Oscillator
SEPTEMBER 2022
TPS92667-Q1 TI-TPS92667-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   TPS92667-Q1 Automotive Low Noise 16-Channel LED Matrix Manager with Advanced Diagnostics
DECEMBER 2022
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
DRV8243-Q1 TI-DRV8243-Q1_V01 Datasheet
3Mb / 75P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8245-Q1 TI-DRV8245-Q1_V02 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8245-Q1 TI-DRV8245-Q1 Datasheet
3Mb / 76P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSFJ1 ??AUGUST 2021
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8242-Q1 TI1-DRV8242-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8242-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com