Electronic Components Datasheet Search
  English  ▼

X  

QPLATE-3045-RBW-40 Datasheet (PDF) - Quelighting Corp

QPLATE-3045-RBW-40 Datasheet PDF - Quelighting Corp
Part # QPLATE-3045-RBW-40
Download  QPLATE-3045-RBW-40 Download

File Size   690.03 Kbytes
Page   1 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description Grow LED Light Board for indoor farming systems: 40~100W

QPLATE-3045-RBW-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPLATE-3045-RBW-40 Datasheet PDF - Quelighting Corp

Part # QPLATE-3045-RBW-40
Download  QPLATE-3045-RBW-40 Click to download

File Size   690.03 Kbytes
Page   1 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description Grow LED Light Board for indoor farming systems: 40~100W

QPLATE-3045-RBW-40 Datasheet (HTML) - Quelighting Corp

QPLATE-3045-RBW-40 Datasheet HTML 1Page - Quelighting Corp

QPLATE-3045-RBW-40 Product details

Features:
● Aluminum fixture for better heat dissipation (passive air cooling)
● Equip with water resistant connector for High reliability
● Multiple spectrum average PPFD150~200 μmol/(m2s) for different crop cultivation and suit for all growing stages
● Built in driver or exclusive LED driver optional according to your vertical farm construction
● Select high efficiency LEDs chips for better light distribution




Similar Part No. - QPLATE-3045-RBW-40

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL1000 QORVO-QPL1000 Datasheet
780Kb / 14P
   8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000EVB QORVO-QPL1000EVB Datasheet
780Kb / 14P
   8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
QPL1000SR QORVO-QPL1000SR Datasheet
780Kb / 14P
   8 – 11 GHz GaN Low Noise Amplifier
Rev. E, Feb 2021
logo
TriQuint Semiconductor
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
More results


Similar Description - QPLATE-3045-RBW-40

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
ECOT8-WW-28 QUELIGHTING-ECOT8-WW-28 Datasheet
705Kb / 1P
   ECOTUBE Economical Grow LED Light Tube for indoor farming systems : 28W
FIN-RBW-50 QUELIGHTING-FIN-RBW-50 Datasheet
651Kb / 1P
   Grow LED Light - Ultra thin for Container farming : 25W or 50W
COMBO-WW-40 QUELIGHTING-COMBO-WW-40 Datasheet
1Mb / 2P
   COMBO - LED Grow Light 40W
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
PARA-SPL-100WDF-YHA-WW PARALIGHT-PARA-SPL-100WDF-YHA-WW Datasheet
124Kb / 4P
   100W Flood Light
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
logo
Sharp Corporation
LT1451ED SHARP-LT1451ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1461ED SHARP-LT1461ED Datasheet
245Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com