Electronic Components Datasheet Search
  English  ▼

X  

QLUV07N2EM-249 Datasheet (PDF) - Quelighting Corp

QLUV07N2EM-249 Datasheet PDF - Quelighting Corp
Part # QLUV07N2EM-249
Download  QLUV07N2EM-249 Download

File Size   1409.24 Kbytes
Page   13 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description The high output ceramic type 3535 LEDs, UVC LED series are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.

QLUV07N2EM-249 Datasheet (PDF)

Go To PDF Page Download Datasheet
QLUV07N2EM-249 Datasheet PDF - Quelighting Corp

Part # QLUV07N2EM-249
Download  QLUV07N2EM-249 Click to download

File Size   1409.24 Kbytes
Page   13 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description The high output ceramic type 3535 LEDs, UVC LED series are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.

QLUV07N2EM-249 Datasheet (HTML) - Quelighting Corp

Back Button QLUV07N2EM-249 Datasheet HTML 1Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 2Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 3Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 4Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 5Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 6Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 7Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 8Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 9Page - Quelighting Corp QLUV07N2EM-249 Datasheet HTML 10Page - Quelighting Corp Next Button 

QLUV07N2EM-249 Product details

Features:
 UVC LED
 Max. current = 150mA , up to 1.5W
 Package Dimension = 3.5mmX3.5mmX1.05mm
 Ceramic subtract
 MSL 3 qualified according to J-STD 020
 Low thermal resistance
 View angle = 120 degree
 RoHS compliant
 Custom Bin available upon special request
Application:
 Water disinfection
 Air purifiers
 Disinfection
 Phototherapy
 Bio-Analysis/DetectionFeatures




Similar Part No. - QLUV07N2EM-249

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLUV07N2DM-261 QUELIGHTING-QLUV07N2DM-261 Datasheet
1Mb / 13P
   The high output ceramic type 3535 with 35 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 07-04-2020
More results


Similar Description - QLUV07N2EM-249

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLUV03NJEF-257 QUELIGHTING-QLUV03NJEF-257 Datasheet
623Kb / 12P
   The high output ceramic type 3030 LEDs, UVC and UVA dual wavelength in LED are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.
1.0 04-20-2020
QLUV07X3CV-271 QUELIGHTING-QLUV07X3CV-271 Datasheet
1Mb / 15P
   The high output ceramic type of 3535 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
QLUV07P2EM-308 QUELIGHTING-QLUV07P2EM-308 Datasheet
951Kb / 13P
   The high output ceramic type 3535 with 125 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 2021-06-16
QLUV07N2DM-261 QUELIGHTING-QLUV07N2DM-261 Datasheet
1Mb / 13P
   The high output ceramic type 3535 with 35 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 07-04-2020
QLUV10X10CW-269 QUELIGHTING-QLUV10X10CW-269 Datasheet
1Mb / 15P
   The high output ceramic type of 7070 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
QLUV10X10HW-270 QUELIGHTING-QLUV10X10HW-270 Datasheet
1Mb / 15P
   The high output ceramic type of 7070 UV LEDs with 45 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
QLUV04X3U-XXX QUELIGHTING-QLUV04X3U-XXX Datasheet
1Mb / 14P
   This is the high power LED with reflector type. EMC 3030 UV LED series are designed for high current operation and high power output applications.
1.1 07-10-2021
logo
Roithner LaserTechnik G...
CUN9AF1B ROITHNER-CUN9AF1B Datasheet
3Mb / 19P
   High power UV LED series are designed
CUN6AF1B ROITHNER-CUN6AF1B Datasheet
3Mb / 19P
   High power UV LED series are designed
CUN8AF1A ROITHNER-CUN8AF1A Datasheet
4Mb / 19P
   High power UV LED series are designed
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com