| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1196
|
635Kb / 23P |
Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02 |
|
MAX1183
|
495Kb / 18P |
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
|
|
MAX1185
|
495Kb / 20P |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
|
|
MAX1195
|
563Kb / 22P |
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02 |
|
MAX1186
|
444Kb / 21P |
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01 |
|
MAX1184
|
504Kb / 21P |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01 |
|
MAX1181
|
304Kb / 20P |
Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07 |
|
MAX1185
|
299Kb / 21P |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10 |
|
MAX1185
|
359Kb / 21P |
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11 |
|
MAX1182
|
510Kb / 21P |
Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01 |