Electronic Components Datasheet Search
  English  ▼

X  

857-359 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

857-359 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 857-359
Download  857-359 Download
File Size   657.23 Kbytes
Page   11 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Relay module; Nominal input voltage: 24 ??230 V AC/DC;

857-359 Datasheet (PDF)

Go To PDF Page Download Datasheet
857-359 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 857-359
Download  857-359 Click to download

File Size   657.23 Kbytes
Page   11 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Relay module; Nominal input voltage: 24 ??230 V AC/DC;

857-359 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 857-359

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
857-354 WAGO-857-354 Datasheet
595Kb / 12P
Relay module; Nominal input voltage: 24 V AC/DC; 1 changeover contact;
857-357 WAGO-857-357 Datasheet
588Kb / 12P
Relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
857-358 WAGO-857-358 Datasheet
649Kb / 12P
Relay module; Nominal input voltage: 230 V AC/DC; 1 changeover contact;
857-358-006-000 WAGO-857-358-006-000 Datasheet
544Kb / 11P
Relay module; Nominal input voltage: 230 VAC; 1 changeover contact;
857-358/006-000 WAGO-857-358/006-000 Datasheet
544Kb / 11P
Relay module; Nominal input voltage: 230 VAC; 1 changeover contact;
More results


Similar Description - 857-359

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2042-3879 WAGO-2042-3879 Datasheet
452Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC; 3 break contacts
2042-3849 WAGO-2042-3849 Datasheet
393Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC; 2 changeover
2042-3839 WAGO-2042-3839 Datasheet
412Kb / 6P
Relay module; Nominal input voltage: 24 ??230 V AC/DC; 1 changeover
2042-3829 WAGO-2042-3829 Datasheet
419Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC; 4 make contacts;
288-504 WAGO-288-504 Datasheet
372Kb / 6P
Relay module; Nominal input voltage: 24 V AC/DC;
857-369 WAGO-857-369 Datasheet
662Kb / 12P
Relay module; Nominal input voltage: 24 ??230 V AC/DC;
2042-3809 WAGO-2042-3809 Datasheet
370Kb / 6P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
2042-3819 WAGO-2042-3819 Datasheet
377Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
857-364 WAGO-857-364 Datasheet
597Kb / 12P
Relay module; Nominal input voltage: 24 V AC/DC
22.11.2021
857-368 WAGO-857-368 Datasheet
651Kb / 12P
Relay module; Nominal input voltage: 230 V AC/DC
22.11.2021
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com