Electronic Components Datasheet Search
  English  ▼

X  

288-504 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

288-504 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 288-504
Download  288-504 Download

File Size   372.5 Kbytes
Page   6 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Relay module; Nominal input voltage: 24 V AC/DC;

288-504 Datasheet (PDF)

Go To PDF Page Download Datasheet
288-504 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 288-504
Download  288-504 Click to download

File Size   372.5 Kbytes
Page   6 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Relay module; Nominal input voltage: 24 V AC/DC;

288-504 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 288-504

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
288-508 WAGO-288-508 Datasheet
371Kb / 6P
   Relay module; Nominal input voltage: 230 VAC; 1 changeover contact
More results


Similar Description - 288-504

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
857-364 WAGO-857-364 Datasheet
597Kb / 12P
   Relay module; Nominal input voltage: 24 V AC/DC
22.11.2021
2042-3819 WAGO-2042-3819 Datasheet
377Kb / 7P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
2042-3809 WAGO-2042-3809 Datasheet
370Kb / 6P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
857-359 WAGO-857-359 Datasheet
657Kb / 11P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC;
857-369 WAGO-857-369 Datasheet
662Kb / 12P
   Relay module; Nominal input voltage: 24 ??230 V AC/DC;
857-1330 WAGO-857-1330 Datasheet
630Kb / 11P
   Relay module; 2-port; Nominal input voltage: 24 V AC/DC
22.11.2021
788-721 WAGO-788-721 Datasheet
495Kb / 8P
   Solid-state relay module; Nominal input voltage: 24 V AC/DC
22.11.2021
857-357 WAGO-857-357 Datasheet
588Kb / 12P
   Relay module; Nominal input voltage: 115 V AC/DC
22.11.2021
859-354 WAGO-859-354 Datasheet
553Kb / 10P
   Relay module; Nominal input voltage: 24 V AC/DC; 1 changeover contact
288-512 WAGO-288-512 Datasheet
262Kb / 6P
   Relay module; Nominal input voltage: 24 V AC/DC; 2 changeover contacts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com