Electronic Components Datasheet Search
  English  ▼

X  

SBM-40-LC Datasheet (PDF) - Luminus, Inc

SBM-40-LC Datasheet PDF - Luminus, Inc
Part # SBM-40-LC
Download  SBM-40-LC Download

File Size   1315.97 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High optical output at 1A up to 133 Red lumens

SBM-40-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
SBM-40-LC Datasheet PDF - Luminus, Inc

Part # SBM-40-LC
Download  SBM-40-LC Click to download

File Size   1315.97 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High optical output at 1A up to 133 Red lumens

SBM-40-LC Datasheet (HTML) - Luminus, Inc




Similar Part No. - SBM-40-LC

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
2Mb / 20P
   High optical output at 1 A
2022
SBM-40-LC LUMINUS-SBM-40-LC_V01 Datasheet
2Mb / 20P
   High optical output at 1 A
2022
More results


Similar Description - SBM-40-LC

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 16P
   High optical output at 2 A: up to 253 Red lumens
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
   Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
   Extremely high optical output White LED: up to 4,000lm at 18A
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
   Output ratings up to 30 Amps at 200 VDC
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
   Robust package with high lumens
logo
Power-One
ABC400-10XXG POWER-ONE-ABC400-10XXG Datasheet
831Kb / 13P
   High efficiency up to 91% at 230VAC
logo
Rohm
BAXXDD0-E ROHM-BAXXDD0-E Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
   Programmable Current Limit Up to 1A
Rev 0; 5/12
logo
Bel Fuse Inc.
ABC200 BEL-ABC200_V01 Datasheet
1Mb / 11P
   High Efficiency up to 91% at 230 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com