Electronic Components Datasheet Search
  English  ▼

X  

XO-0154-OY-TYPE Datasheet (PDF) - TAITIEN ELECTRONICS CO.,LTD

XO-0154-OY-TYPE Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD
Part # XO-0154-OY-TYPE
Download  XO-0154-OY-TYPE Download

File Size   344.02 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description 2.5 x 2.0mm SMD CMOS Output Crystal Oscillator

XO-0154-OY-TYPE Datasheet (PDF)

Go To PDF Page Download Datasheet
XO-0154-OY-TYPE Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD

Part # XO-0154-OY-TYPE
Download  XO-0154-OY-TYPE Click to download

File Size   344.02 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description 2.5 x 2.0mm SMD CMOS Output Crystal Oscillator

XO-0154-OY-TYPE Datasheet (HTML) - TAITIEN ELECTRONICS CO.,LTD




Similar Part No. - XO-0154-OY-TYPE

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0150-OA-M-LVPECL TAITIEN-XO-0150-OA-M-LVPECL Datasheet
359Kb / 1P
OA-M Type High Frequency up to 1.5GHz
XO-0151-VA-M-CMOS TAITIEN-XO-0151-VA-M-CMOS Datasheet
601Kb / 1P
3.2 X 2.5mm SMD CMOS Output Voltage Controlled Crystal Oscillator
XO-0152-VA-M-LVPECL TAITIEN-XO-0152-VA-M-LVPECL Datasheet
360Kb / 1P
VA-M Type High Frequency up to 1.5GHz 3.2 x 2.5 mm SMD Differential Output Crystal Oscillator
XO-0153-OY-I TAITIEN-XO-0153-OY-I Datasheet
150Kb / 1P
Low Current Consumption 32.768kHz
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
More results


Similar Description - XO-0154-OY-TYPE

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
logo
AEL Crystals Ltd
SMD AEL-SMD Datasheet
85Kb / 1P
2.5 x 2.0mm SMD Crystal Resonator
logo
TAITIEN ELECTRONICS CO....
XO-0144-TY-J TAITIEN-XO-0144-TY-J Datasheet
525Kb / 1P
2.5 X 2.0mm SMD CMOS Temperature Compensates Crytal Oscillator
logo
Vectron International, ...
VXM8 VECTRON-VXM8 Datasheet
388Kb / 3P
2.5 x 2.0mm Crystal
logo
Advanced Crystal Techno...
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
2.5 x 2.0mm Crystal unit
1/2/2017
2205-SMX-4 ACT-2205-SMX-4 Datasheet
231Kb / 2P
2.5 x 2.0mm Crystal unit
01/2/2017
logo
TAITIEN ELECTRONICS CO....
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
logo
Abracon Corporation
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com