Electronic Components Datasheet Search
  English  ▼

X  

MPC17517DTB/R2 Datasheet (PDF) - Freescale Semiconductor, Inc

MPC17517DTB/R2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC17517DTB/R2
Download  MPC17517DTB/R2 Download
File Size   489.8 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V Dual Motor Driver IC

MPC17517DTB/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC17517DTB/R2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC17517DTB/R2
Download  MPC17517DTB/R2 Click to download

File Size   489.8 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 1.0 A 6.8 V Dual Motor Driver IC

MPC17517DTB/R2 Datasheet (HTML) - Freescale Semiconductor, Inc


MPC17517DTB/R2 Product details

The 17517 is a monolithic triple totem-pole-output power IC designed to be used in portable electronic applications to control small DC motors and solenoids. The 17517 can operate efficiently with supply voltages as low as 2.0 V to as high as 6.8 V. Its low RDS(ON) totem-pole output MOSFETs (0.46 Ω typical) can provide continuous drive currents of 1.0 A and handle peak currents up to 3.0 A. It is easily interfaced to low-cost MCUs via parallel 3.0 V- or 5.0 V-compatible logic. The device can be pulse width modulated (PWM-ed) at up to 200 kHz.

Features
• 2.0 V to 6.8 V Continuous Operation
• Output Current 1.0 A (DC), 3.0 A (Peak)
• MOSFETs < 600 mΩ RDS(ON) @ 25°C Guaranteed
• 3.0 V/5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown




Similar Part No. - MPC17517DTB/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17517DTB FREESCALE-MPC17517DTB Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
MPC17517DTBR2 FREESCALE-MPC17517DTBR2 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
More results


Similar Description - MPC17517DTB/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com