Electronic Components Datasheet Search
  English  ▼

X  

NTE748 Datasheet (PDF) - NTE Electronics

NTE748 Datasheet PDF - NTE Electronics
Part # NTE748
Download  NTE748 Download

File Size   23.35 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Sound Circuit

NTE748 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE748 Datasheet PDF - NTE Electronics

Part # NTE748
Download  NTE748 Click to download

File Size   23.35 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Sound Circuit

NTE748 Datasheet (HTML) - NTE Electronics


NTE748 Product details

Description:
The NTE748 is an integrated circuit in a 14–Lead DIP type pacjage designed for IF limiting, detection, audio preamplifier and driver for the sound portion of a TV receiver.

Features:
● Excellent Limiting with 80µV(rms) Input Signal typ
● Large Output–Voltage Swing–to 3.5V(rms) typ
● High IF Voltage Gain–65dB typ
● Zener Power–Supply Regulation Built–in
● Short–Circuit Protection
● A Coincidence Discriminator that Requires Only One RLC Phase Shift Network
● Preamplifier to Drive a Single External–Transistor Class–A Audio Output Stage




Similar Part No. - NTE748

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7480 NTE-NTE7480 Datasheet
104Kb / 1P
   Transistor transistor logic
NTE7482 NTE-NTE7482 Datasheet
104Kb / 1P
   Transistor transistor logic
NTE7483 NTE-NTE7483 Datasheet
104Kb / 1P
   Transistor transistor logic
More results


Similar Description - NTE748

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
   Integrated Circuit TV Sound Channel, 1W
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
   Integrated Circuit TV Sound Channel, 2W
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Samsung semiconductor
KA2101 SAMSUNG-KA2101 Datasheet
175Kb / 5P
   LINEAR INTEGRATED CIRCUIT(TV SOUND IF AMPLIFIER)
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com