Electronic Components Datasheet Search
  English  ▼

X  

BR24T08-W Datasheet (PDF) - Rohm

BR24T08-W Datasheet PDF - Rohm
Part # BR24T08-W
Download  BR24T08-W Download
File Size   942.94 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description I2C BUS EEPROM

BR24T08-W Datasheet (PDF)

Go To PDF Page Download Datasheet
BR24T08-W Datasheet PDF - Rohm

Part # BR24T08-W
Download  BR24T08-W Click to download

File Size   942.94 Kbytes
Page   39 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description I2C BUS EEPROM

BR24T08-W Datasheet (HTML) - Rohm


BR24T08-W Product details

General Description
BR24T08-W is a serial EEPROM of I2C BUS Interface Method

Features
■ Completely conforming to the world standard I2C
   BUS.
   All controls available by 2 ports of serial clock
   (SCL) and serial data (SDA)
■ Other devices than EEPROM can be connected to
   the same port, saving microcontroller port
■ 1.6V to 5.5v Single Power Source Operation most
   suitable for battery use
■ 1.6V to 5.5V wide limit of operating voltage, possible
   FAST MODE 400kHz operation
■ Page Write Mode useful for initial value write at
   factory shipment
■ Self-timed Programming Cycle
■ Low current Consumption
■ Prevention of Write Mistake
   ➤ Write (Write Protect) Function added
   ➤ Prevention of Write Mistake at Low Voltage
■ More than 1 million write cycles
■ More than 40 years data retention
■ Noise filter built in SCL / SDA terminal
■ Initial delivery state FFh




Similar Part No. - BR24T08-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T08-W ROHM-BR24T08-W Datasheet
468Kb / 22P
High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
593Kb / 24P
High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
593Kb / 24P
High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
430Kb / 22P
High Reliability Serial EEPROMs
BR24T08-W ROHM-BR24T08-W Datasheet
430Kb / 22P
High Reliability Serial EEPROMs
More results


Similar Description - BR24T08-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G01-3 ROHM-BR24G01-3_1 Datasheet
594Kb / 37P
I2C BUS EEPROM (2-Wire)
BR24G04-3 ROHM-BR24G04-3_17 Datasheet
844Kb / 37P
I2C BUS EEPROM
BR24G64XXX-5 ROHM-BR24G64XXX-5 Datasheet
3Mb / 38P
I2C BUS EEPROM
BR24G256XXX-5 ROHM-BR24G256XXX-5 Datasheet
3Mb / 36P
I2C BUS EEPROM
BR24GXXX-3A ROHM-BR24GXXX-3A Datasheet
2Mb / 40P
I2C BUS EEPROM
BR24T16-W ROHM-BR24T16-W Datasheet
2Mb / 39P
I2C BUS EEPROM
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
I2C BUS EEPROM
BR24T64-W ROHM-BR24T64-W Datasheet
1Mb / 37P
I2C BUS EEPROM
BR24T128-W ROHM-BR24T128-W Datasheet
595Kb / 37P
I2C BUS EEPROM
BR24T256-W ROHM-BR24T256-W Datasheet
562Kb / 34P
I2C BUS EEPROM
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com