| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2520H-SMX-4 Datasheet
# Example questions:
➢ What is the operable temperature range for this crystal unit?
➢ What is the maximum allowable frequency aging, in ppm, after one year at 25°c?
➢ What is the maximum equivalent series resistance (esr) for a crystal operating at 10 - 15.999 mhz?
# 2520H SMX-4 RF Clock Series Crystal
## Product Overview
· Miniature SMD crystal
· Highly reliable seam seal 4-pad ceramic package
· Low aging crystal designed for RF applications
· RoHS & REACH compliant
## Specifications
· Frequency Range: 12.00MHz ~ 62.50MHz (Fundamental)
· Frequency Tolerance: ±10.0 ppm
· Frequency Stability: ±10.0 ppm over -30°C ~ +85°C
· Frequency Aging: ±1.0 ppm at 25°C, 1 year
· Operating Temperature Range: -40°C ~ +85°C
· Storage Temperature Range: -55°C ~ +125°C
· Load Capacitance (CL): 8.0pF ~ 16.0pF
· Equivalent Series Resistance (ESR):
- 12.0 ~ 15.999MHz: 200Ω max
- 16.0 ~ 19.999MHz: 100Ω max
- 20.0 ~ 25.999MHz: 80Ω max
- 26.0 ~ 62.500MHz: 50Ω max
· Shunt Capacitance (C0): 3.0pF max
· Drive Level (DL): 100μW max (50μW typical)
· Moisture Sensitivity Level (MSL): 1 (unlimited)
· Insulation Resistance (IR): 500MΩ min at 300V DC
## Part Number Generation
· Structure: CW [Frequency] -RF- [Series Code] [Temp Code] [Tolerance Code] [Aging Code] -PF
· Frequency: First 4 characters of frequency in Hz (e.g., 27MHz = 2700). For frequencies ≥ 100MHz, use the first 5 characters.
· Series Code: 8=GO, 9=JO, 10=KO, 11=MO, 12=OO, 14=PO, 16=RO
· Temp Code: -40°C ~ +85°C = M
· Tolerance Code: ±10 ppm = E, ±10 ppm = F, ±1 ppm = 1
· Aging Code: Use remaining code characters
· RoHS: -PF
## Dimensions
· Overall: 2.5 x 2.0 mm
· Thickness: 0.65 max, 0.80-0.90, 0.70-0.60, 0.40-0.90, 0.85-0.50
## Reflow Profile
· Preheat: 180 ± 10°C, 90~120 sec max
· Peak Temperature: 260 ± 5°C, 10 sec max
· Soak Temperature: 220 ± 10°C, 30~40 sec max
# 2520H SMX-4 RF Clock Series Crystal
## Product Overview
· Miniature SMD crystal
· Highly reliable seam seal 4-pad ceramic package
· Low aging crystal designed for RF applications
· RoHS & REACH compliant
## Specifications
· Frequency Range: 12.00MHz ~ 62.50MHz (Fundamental)
· Frequency Tolerance: ±10.0 ppm
· Frequency Stability: ±10.0 ppm over -30°C ~ +85°C
· Frequency Aging: ±1.0 ppm at 25°C, 1 year
· Operating Temperature Range: -40°C ~ +85°C
· Storage Temperature Range: -55°C ~ +125°C
· Load Capacitance (CL): 8.0pF ~ 16.0pF
· Equivalent Series Resistance (ESR):
- 12.0 ~ 15.999MHz: 200Ω max
- 16.0 ~ 19.999MHz: 100Ω max
- 20.0 ~ 25.999MHz: 80Ω max
- 26.0 ~ 62.500MHz: 50Ω max
· Shunt Capacitance (C0): 3.0pF max
· Drive Level (DL): 100μW max (50μW typical)
· Moisture Sensitivity Level (MSL): 1 (unlimited)
· Insulation Resistance (IR): 500MΩ min at 300V DC
## Part Number Generation
· Structure: CW [Frequency] -RF- [Series Code] [Temp Code] [Tolerance Code] [Aging Code] -PF
· Frequency: First 4 characters of frequency in Hz (e.g., 27MHz = 2700). For frequencies ≥ 100MHz, use the first 5 characters.
· Series Code: 8=GO, 9=JO, 10=KO, 11=MO, 12=OO, 14=PO, 16=RO
· Temp Code: -40°C ~ +85°C = M
· Tolerance Code: ±10 ppm = E, ±10 ppm = F, ±1 ppm = 1
· Aging Code: Use remaining code characters
· RoHS: -PF
## Dimensions
· Overall: 2.5 x 2.0 mm
· Thickness: 0.65 max, 0.80-0.90, 0.70-0.60, 0.40-0.90, 0.85-0.50
## Reflow Profile
· Preheat: 180 ± 10°C, 90~120 sec max
· Peak Temperature: 260 ± 5°C, 10 sec max
· Soak Temperature: 220 ± 10°C, 30~40 sec max
| Part No. | 2520H-SMX-4 |
| Manufacturer | ACT |
| Size | 178 Kbytes |
| Pages | 1 page |
| Description | 2.5 x 2.0mm Crystal unit |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |