| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 0517 Datasheet
# Example questions:
➢ What is the suggested pcb hole size for mounting this component?
➢ What materials are the 4-finger collet contacts constructed from?
➢ What is the maximum number of pins available in this series?
# Series 0517 Vertisocket™ with Collet Contacts
## Features
· Mounts components at a right angle to the PC board.
· Available in 1 to 25 positions; cuttable to custom lengths.
## General Specifications
· Body Material: Black UL 94V-0 glass-filled 4/6 Nylon.
· Pin Body: Brass 360 1/2-hard per UNS C36000 ASTM B16/B16M-05.
· Pin Body Plating Options:
- 200µ [5.08µ] 93/7 Sn/Pb per ASTM B545
- 200µ [5.08µ] min. Sn per ASTM B545 Type 1 over 100µ [2.54µ] Ni per SAE AMS-QQ-N-290B
· Collet Contact: BeCu per UNS C17200 ASTM B194-08.
· Contact Plating: 30µ [0.76µ] Au per MIL-G-45204 over 50µ [1.27µ] Ni per SAE AMS-QQ-N-290B.
· Current Rating: 3 amps.
· Operating Temperature: 221°F [105°C].
· Insertion Force: 180g/pin (based on 0.018 [0.46] dia. test lead).
· Withdrawal Force: 90g/pin (based on 0.018 [0.46] dia. test lead).
· Normal Force: 140g/pin (based on 0.018 [0.46] dia. test lead).
· Lead Acceptance: 0.015-0.025 [0.38-0.64] dia., 0.110-0.150 [2.79-3.81] long.
## Mounting Considerations
· Suggested PCB Hole Size: 0.035 ±0.002 [0.89 ±0.05] dia.
## Ordering Information
· XX-0517-90 C XX
- XX: Series
- 0517: Vertisocket™
- 90: Display Angle
- C: Collet Contacts
- XX: No. of Pins (1 thru 25)
· TL: Optional Pin Body Plating (Sn/Pb)
## Important Notes
· Dimensions are in inches [millimeters].
· Tolerances: ±0.005 [0.13] unless otherwise specified.
· See data sheet 13007 for collet contacts on 0.200 [5.08] centers.
· See data sheet 13006 for bifurcated contacts.
· Customization available (materials, platings, sizes, configurations).
· Aries reserves the right to change specifications without notice.
# Series 0517 Vertisocket™ with Collet Contacts
## Features
· Mounts components at a right angle to the PC board.
· Available in 1 to 25 positions; cuttable to custom lengths.
## General Specifications
· Body Material: Black UL 94V-0 glass-filled 4/6 Nylon.
· Pin Body: Brass 360 1/2-hard per UNS C36000 ASTM B16/B16M-05.
· Pin Body Plating Options:
- 200µ [5.08µ] 93/7 Sn/Pb per ASTM B545
- 200µ [5.08µ] min. Sn per ASTM B545 Type 1 over 100µ [2.54µ] Ni per SAE AMS-QQ-N-290B
· Collet Contact: BeCu per UNS C17200 ASTM B194-08.
· Contact Plating: 30µ [0.76µ] Au per MIL-G-45204 over 50µ [1.27µ] Ni per SAE AMS-QQ-N-290B.
· Current Rating: 3 amps.
· Operating Temperature: 221°F [105°C].
· Insertion Force: 180g/pin (based on 0.018 [0.46] dia. test lead).
· Withdrawal Force: 90g/pin (based on 0.018 [0.46] dia. test lead).
· Normal Force: 140g/pin (based on 0.018 [0.46] dia. test lead).
· Lead Acceptance: 0.015-0.025 [0.38-0.64] dia., 0.110-0.150 [2.79-3.81] long.
## Mounting Considerations
· Suggested PCB Hole Size: 0.035 ±0.002 [0.89 ±0.05] dia.
## Ordering Information
· XX-0517-90 C XX
- XX: Series
- 0517: Vertisocket™
- 90: Display Angle
- C: Collet Contacts
- XX: No. of Pins (1 thru 25)
· TL: Optional Pin Body Plating (Sn/Pb)
## Important Notes
· Dimensions are in inches [millimeters].
· Tolerances: ±0.005 [0.13] unless otherwise specified.
· See data sheet 13007 for collet contacts on 0.200 [5.08] centers.
· See data sheet 13006 for bifurcated contacts.
· Customization available (materials, platings, sizes, configurations).
· Aries reserves the right to change specifications without notice.
| Part No. | 0517 |
| Manufacturer | ARIES |
| Size | 656 Kbytes |
| Pages | 1 page |
| Description | Mount components, jumpers |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |