Electronic Components Datasheet Search
  English  ▼

X  

PCHC412R8L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PCHC412R8L Datasheet

  • # Example questions: ➢ What is the maximum dc current the pchc412r8l can handle before the inductance drops by 30% from its initial value?
    ➢ What is the specified operating temperature range for this smd choke?
    ➢ What is the solder temperature and composition recommended for this component?

  • Part No.PCHC412R8L
    ManufacturerALLIED
    Size400 Kbytes
    Pages1 page
    DescriptionSMD High Current Shielded Choke
    Datasheet Summary with AI

    # SMD High Current Shielded Choke PCHC412R8L

    ## Features
    · Magnetically shielded construction
    · Ultra-high saturation current: up to 6.0A
    · Low DC resistance
    · Expanded operating temperature range
    · Suitable for pick and place

    ## Electrical Specifications
    · Inductance Range: 1.0uH (additional values available)
    · Tolerance: 20%
    · Operating Temperature: -55°C to +125°C
    · Test Frequency: 100KHz, 0.5Vdc
    · Resistance to Soldering Heat:
    - Pre-heat: 150°C for 1 minute
    - Solder Composition: Sn/Ag3.0/Cu0.5
    - Solder Temperature: 260°C ± 5°C
    - Immersion Time: 10 sec. ± 1 sec.
    · Saturation Current (Isat): Current at which inductance drops by 30%

    · Temperature Rise: Current at which temperature rises by 40°C

    ## Table: PCHC412R8L-1R0M-RC
    · Inductance: 1.0uH
    · Tolerance: 20%
    · Test Frequency: 100KHz (0.5V)
    · DCR (Max/Typ): 35(32) mΩ
    · Isat (Max/Typ): 6.0(6.5) A
    · Irms (Max/Typ): 4.5(5.0) A

    ## Test Equipment
    · (L): WK 3260B
    · DCR: Chen HWA502
    · IDC: 3260B WK & DC Bias 3265B WK

    ## Physical Characteristics
    · Packaging: 2000 pieces per 13-inch reel
    · Marking: EIA Inductance Code

    # SMD High Current Shielded Choke PCHC412R8L

    ## Features
    · Magnetically shielded construction
    · Ultra-high saturation current: up to 6.0A
    · Low DC resistance
    · Expanded operating temperature range
    · Suitable for pick and place

    ## Electrical Specifications
    · Inductance Range: 1.0uH (additional values available)
    · Tolerance: 20%
    · Operating Temperature: -55°C to +125°C
    · Test Frequency: 100KHz, 0.5Vdc
    · Resistance to Soldering Heat:
    - Pre-heat: 150°C for 1 minute
    - Solder Composition: Sn/Ag3.0/Cu0.5
    - Solder Temperature: 260°C ± 5°C
    - Immersion Time: 10 sec. ± 1 sec.
    · Saturation Current (Isat): Current at which inductance drops by 30%
    · Temperature Rise: Current at which temperature rises by 40°C

    ## Table: PCHC412R8L-1R0M-RC
    · Inductance: 1.0uH
    · Tolerance: 20%
    · Test Frequency: 100KHz (0.5V)
    · DCR (Max/Typ): 35(32) mΩ
    · Isat (Max/Typ): 6.0(6.5) A
    · Irms (Max/Typ): 4.5(5.0) A

    ## Test Equipment
    · (L): WK 3260B
    · DCR: Chen HWA502
    · IDC: 3260B WK & DC Bias 3265B WK

    ## Physical Characteristics
    · Packaging: 2000 pieces per 13-inch reel
    · Marking: EIA Inductance Code

    Part No.PCHC412R8L
    ManufacturerALLIED
    Size400 Kbytes
    Pages1 page
    DescriptionSMD High Current Shielded Choke