Electronic Components Datasheet Search
  English  ▼

X  

LTC1153 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LTC1153 Datasheet

  • # Example questions: ➢ Describe the role of the drain sense pin and explain how the addition of an rc time constant might be used in conjunction with it.
    ➢ What is the primary purpose of the timing capacitor connected to the ltc1153, and what precaution should be taken regarding its characteristics?
    ➢ Explain why this protection is crucial and give an example of how improper handling could damage the device.

  • Part No.LTC1153
    ManufacturerLINER
    Size342 Kbytes
    Pages16 pages
    DescriptionAuto-Reset Electronic Circuit Breaker
    Datasheet Summary with AI

    Okay, let's break down the provided LTC1153 documentation. Here's a summary of the key aspects, organized for clarity.

    1. Device Overview & Purpose:

    ️· The LTC1153 is a power protection device (often used in smart power strips, UPS systems, or similar applications). It provides various protections for a circuit (short-circuit, over-temperature, etc.).
    ️· It includes a MOSFET switch, gate drive circuitry, a timer, fault detection, and a status output.

    2. Key Features/Functions:

    ️· Input/Shutdown Pins: Activating and deactivating the protection circuit. High impedance CMOS with ESD protection.
    ️· Auto-Reset Timer: Uses a capacitor to create a timer (for things like auto-reset after a fault). Leakage current is important to consider.
    ️· MOSFET Gate Drive Pin: The circuit actively drives the MOSFET gate to either ON or OFF, providing fast and reliable switching.
    ️· Supply Pin: Powers everything; also used for a reference voltage (Kelvin connection). Needs to be continuously powered.
    ️· Drain Sense Pin: Monitors the drain voltage; tripping the switch if voltage drops below a certain level (100mV below supply). Adjustable delay for startup.
    ️· Status Pin: An open-drain output that signals when a fault has occurred. Needs a pull-up resistor.

    3. Critical Design Notes & Considerations:

    ️· CMOS High Impedance: Several pins (input, shutdown, timer, drain sense) are CMOS and high impedance. Avoid forcing them beyond the power supply rails.
    ️· Continuous Power: The supply pin needs continuous power; cycling power requires a power-up sequence.

    ️· Timer Capacitor: Ensure the timing capacitor isn’t affected by leakage current.
    ️· Startup Delay: Adjustable delay on the drain sense pin for startup.
    ️· ESD Protection: The device has ESD protection, but follow recommended practices.
    ️· Series Resistor: Use a series resistor with the ground pin if negative voltage transients are expected.
    ️· Isolation Resistors: 10k resistors to limit current through ESD diodes.

    4. Block Diagram Interpretation:

    The block diagram presents the functional blocks within the LTC1153 and how they relate to each other:

    ️· Analog Section: Includes the 100mV reference, comparator, and circuitry related to the timer.
    ️· Control Logic: The "brain" of the device, driving the gate, managing the auto-reset timer, and making decisions based on sensed conditions.
    ️· Gate Drive: Actively drives the MOSFET gate.
    ️· Fault Detection & Status: Monitors conditions and provides a status signal.



    Let me know if you'd like more details on any specific part of the documentation or have any questions!

    1. Device Overview & Purpose:

    ️· The LTC1153 is a power protection device (often used in smart power strips, UPS systems, or similar applications). It provides various protections for a circuit (short-circuit, over-temperature, etc.).
    ️· It includes a MOSFET switch, gate drive circuitry, a timer, fault detection, and a status output.

    2. Key Features/Functions:

    ️· Input/Shutdown Pins: Activating and deactivating the protection circuit. High impedance CMOS with ESD protection.
    ️· Auto-Reset Timer: Uses a capacitor to create a timer (for things like auto-reset after a fault). Leakage current is important to consider.
    ️· MOSFET Gate Drive Pin: The circuit actively drives the MOSFET gate to either ON or OFF, providing fast and reliable switching.
    ️· Supply Pin: Powers everything; also used for a reference voltage (Kelvin connection). Needs to be continuously powered.
    ️· Drain Sense Pin: Monitors the drain voltage; tripping the switch if voltage drops below a certain level (100mV below supply). Adjustable delay for startup.
    ️· Status Pin: An open-drain output that signals when a fault has occurred. Needs a pull-up resistor.

    3. Critical Design Notes & Considerations:

    ️· CMOS High Impedance: Several pins (input, shutdown, timer, drain sense) are CMOS and high impedance. Avoid forcing them beyond the power supply rails.
    ️· Continuous Power: The supply pin needs continuous power; cycling power requires a power-up sequence.
    ️· Timer Capacitor: Ensure the timing capacitor isn’t affected by leakage current.
    ️· Startup Delay: Adjustable delay on the drain sense pin for startup.
    ️· ESD Protection: The device has ESD protection, but follow recommended practices.
    ️· Series Resistor: Use a series resistor with the ground pin if negative voltage transients are expected.
    ️· Isolation Resistors: 10k resistors to limit current through ESD diodes.

    4. Block Diagram Interpretation:

    The block diagram presents the functional blocks within the LTC1153 and how they relate to each other:

    ️· Analog Section: Includes the 100mV reference, comparator, and circuitry related to the timer.
    ️· Control Logic: The "brain" of the device, driving the gate, managing the auto-reset timer, and making decisions based on sensed conditions.
    ️· Gate Drive: Actively drives the MOSFET gate.
    ️· Fault Detection & Status: Monitors conditions and provides a status signal.

    Part No.LTC1153
    ManufacturerLINER
    Size342 Kbytes
    Pages16 pages
    DescriptionAuto-Reset Electronic Circuit Breaker