Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.PCHC412R8-R47M-RC
MfrALLIED
Size412 Kbytes
Pages1 page
DescriptionSMD High Current Shielded Choke
Datasheet SummaryAI
# SMD High Current Shielded Choke PCHC412R8

## Features

️· Magnetically shielded construction
️· Ultra High saturation current up to 11.5A
️· Low RD Resistance
️· Expanded operating temp range
️· Suitable for pick and place

## Electrical

️· Inductance Range: .22µH to 4.7uH
️· Tolerance: 20%
️· Operating Temperature: -55ºC ~ +125ºC
️· Storage Temperature: -55ºC ~ +125ºC
️· Test Frequency: 100KHz, 0.5Vdc
️· Pre-Heat: 150ºC, 1 minute
️· Solder Composition: Sn/Ag3.0/Cu0.5
️· Solder Temperature: 260ºC ± 5ºC
️· Immersion Time: 10 sec. ± 1 sec.
️· Inductance drop: 30% typical at rated Isat

Allied<br>Part<br>Number Inductance<br>(µH) Tolerance<br>(±%) Test<br>Frequency<br>(KHz, 0.5V) RDC<br>(mΩ)<br>Max Isat<br>(A)<br>Typ Irms<br>(A)<br>Typ
PCHC412R8-R22M-RC 0.22 20 100 12 11.5 8.5
PCHC412R8-R47M-RC 0.47 20 100 25 7.0 5.0
PCHC412R8-R68M-RC 0.68 20 100 37 6.0 4.0
PCHC412R8-1R0M-RC 1.0 20 100 46 5.2 4.0
PCHC412R8-2R2M-RC 2.2 20 100 114 3.5 2.2
PCHC412R8-4R7M-RC 4.7 20 100 195 2.8 1.8



## Physical

️· Packaging: 2000 pieces per 13 inch reel.
️· Marking: EIA Inductance Code
️· Test Equipment:
- (L): WK 3260B
- DCR: Chen HWA502
- IDC: 3260B WK & DC Bias 3265B WK

## Important Notes

️· Maximum operating temperature: 125ºC.
️· Resistance to Soldering Heat
PCHC412R8-R47M-RC Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about PCHC412R8-R47M-RC Datasheet.
    Example questions: ➤ What is the maximum dc current the pchc412r8-4r7m-rc component can handle before experiencing a 30% inductance drop?➤ What is the recommended solder temperature and immersion time for this smd choke?➤ What is the operating temperature range for this shielded choke?
  • Datasheet Details
    Part No.PCHC412R8-R47M-RC
    ManufacturerALLIED
    Size412 Kbytes
    Pages1 page
    DescriptionSMD High Current Shielded Choke
    Datasheet Summary AI Expand summary
    # SMD High Current Shielded Choke PCHC412R8

    ## Features

    ️· Magnetically shielded construction
    ️· Ultra High saturation current up to 11.5A
    ️· Low RD Resistance
    ️· Expanded operating temp range
    ️· Suitable for pick and place

    ## Electrical

    ️· Inductance Range: .22µH to 4.7uH
    ️· Tolerance: 20%
    ️· Operating Temperature: -55ºC ~ +125ºC
    ️· Storage Temperature: -55ºC ~ +125ºC
    ️· Test Frequency: 100KHz, 0.5Vdc
    ️· Pre-Heat: 150ºC, 1 minute
    ️· Solder Composition: Sn/Ag3.0/Cu0.5
    ️· Solder Temperature: 260ºC ± 5ºC
    ️· Immersion Time: 10 sec. ± 1 sec.
    ️· Inductance drop: 30% typical at rated Isat

    Allied<br>Part<br>Number Inductance<br>(µH) Tolerance<br>(±%) Test<br>Frequency<br>(KHz, 0.5V) RDC<br>(mΩ)<br>Max Isat<br>(A)<br>Typ Irms<br>(A)<br>Typ
    PCHC412R8-R22M-RC 0.22 20 100 12 11.5 8.5
    PCHC412R8-R47M-RC 0.47 20 100 25 7.0 5.0
    PCHC412R8-R68M-RC 0.68 20 100 37 6.0 4.0
    PCHC412R8-1R0M-RC 1.0 20 100 46 5.2 4.0
    PCHC412R8-2R2M-RC 2.2 20 100 114 3.5 2.2
    PCHC412R8-4R7M-RC 4.7 20 100 195 2.8 1.8



    ## Physical

    ️· Packaging: 2000 pieces per 13 inch reel.
    ️· Marking: EIA Inductance Code
    ️· Test Equipment:
    - (L): WK 3260B
    - DCR: Chen HWA502
    - IDC: 3260B WK & DC Bias 3265B WK

    ## Important Notes

    ️· Maximum operating temperature: 125ºC.
    ️· Resistance to Soldering Heat