Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.412R7
MfrCANDD
Size172 Kbytes
Pages1 page
DescriptionToroidal Surface Mount Inductors
Datasheet SummaryAI
# 4100 SERIES
Toroidal Surface Mount Inductors

## FEATURES
· Inductance Range: 2.7µH to 330µH
· Surface Mounting
· Continuous DC Current: Up to 8.10A
· UL 94V-0 Package Materials
· Compact Size
· Toroidal Construction (low leakage flux)
· Pick & Place Compatible

## DESCRIPTION
· Toroidal inductors designed for switching power supplies and DC/DC converters.
· Ideal for low-profile, compact applications.

## SELECTION GUIDE
Order Code µH µH mΩ (MAX) A (MAX)
412R7 2.7 2.7 14 8.10
414R7 4.7 4.7 18 6.70
416R8 6.8 6.8 20 5.70
41100 10 10 24 4.70
41150 15 15 28 4.00
41220 22 22 33 3.30
41330 33 33 38 2.70
41470 47 47 62 2.20
41680 68 68 110 1.75
41101 100 100 158 1.47
41151 150 150 247 1.16
41221 220 220 377 1.03
41331 330 330 462 0.83

## PACKAGE DETAILS
· Order Code: 41XXX
· Weight: 5.6g
· Packaging Style: Tube
· Quantity: 25

## MECHANICAL DIMENSIONS
· All dimensions in inches (mm)

## ABSOLUTE MAXIMUM RATINGS
· Operating Temperature: -40°C to 85°C
· Storage Temperature: -40°C to 125°C

## CONTACT INFORMATION
· C&D Technologies (NCL) Ltd:
- Tanners Drive, Milton Keynes, England
- Tel: +44 (0)1908 615232
- Email: info@cdtechno-ncl.com
· C&D Technologies Inc.:
- 3400 E Britannia Drive, Tucson, Arizona, USA
- Tel: +1 (800) 547-2537
- Email: sales@cdtechno.com

## RESOURCES
· [www.cdpoweronline.com](http://www.cdpoweronline.com/)
412R7 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about 412R7 Datasheet.
    Example questions: ➤ What is the range of dc current that the 412r7 inductor can continuously handle?➤ What is the operating temperature range within which these inductors are designed to function safely?➤ How does the packaging style affect the quantity of inductors received with each order?
  • Datasheet Details
    Part No.412R7
    ManufacturerCANDD
    Size172 Kbytes
    Pages1 page
    DescriptionToroidal Surface Mount Inductors
    Datasheet Summary AI Expand summary
    # 4100 SERIES
    Toroidal Surface Mount Inductors

    ## FEATURES
    · Inductance Range: 2.7µH to 330µH
    · Surface Mounting
    · Continuous DC Current: Up to 8.10A
    · UL 94V-0 Package Materials
    · Compact Size
    · Toroidal Construction (low leakage flux)
    · Pick & Place Compatible

    ## DESCRIPTION
    · Toroidal inductors designed for switching power supplies and DC/DC converters.
    · Ideal for low-profile, compact applications.

    ## SELECTION GUIDE
    Order Code µH µH mΩ (MAX) A (MAX)
    412R7 2.7 2.7 14 8.10
    414R7 4.7 4.7 18 6.70
    416R8 6.8 6.8 20 5.70
    41100 10 10 24 4.70
    41150 15 15 28 4.00
    41220 22 22 33 3.30
    41330 33 33 38 2.70
    41470 47 47 62 2.20
    41680 68 68 110 1.75
    41101 100 100 158 1.47
    41151 150 150 247 1.16
    41221 220 220 377 1.03
    41331 330 330 462 0.83

    ## PACKAGE DETAILS
    · Order Code: 41XXX
    · Weight: 5.6g
    · Packaging Style: Tube
    · Quantity: 25

    ## MECHANICAL DIMENSIONS
    · All dimensions in inches (mm)

    ## ABSOLUTE MAXIMUM RATINGS
    · Operating Temperature: -40°C to 85°C
    · Storage Temperature: -40°C to 125°C

    ## CONTACT INFORMATION
    · C&D Technologies (NCL) Ltd:
    - Tanners Drive, Milton Keynes, England
    - Tel: +44 (0)1908 615232
    - Email: info@cdtechno-ncl.com
    · C&D Technologies Inc.:
    - 3400 E Britannia Drive, Tucson, Arizona, USA
    - Tel: +1 (800) 547-2537
    - Email: sales@cdtechno.com

    ## RESOURCES
    · [www.cdpoweronline.com](http://www.cdpoweronline.com/)