Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.SL393D
MfrSLS
Size47 Kbytes
Pages4 pages
DescriptionLow Power Low Offset Voltage Dual Comparators
Datasheet SummaryAI
# SL393 Low Power Dual Comparators

## Overview
The SL393 is a dual precision voltage comparator designed for single or split power supplies, offering low offset voltage and current consumption. It's suitable for applications like limit comparators, analog-to-digital conversion, and pulse/squarewave generation.

## Features
· Low power consumption
· Low offset voltage (2.0mV max)
· Single or split supply operation
· Low input bias and offset current
· Wide input common mode voltage range
· TTL and CMOS compatible
· Low output saturation voltage

## Electrical Characteristics
· Supply Voltage (VCC): 36V (single), ±18V (split)
· Input Offset Voltage (VIO): 9.0mV max
· Input Bias Current (IIB): 400nA max
· Supply Current (ICC): 1.0mA (VCC=5V), 2.5mA (VCC=30V)
· Voltage Gain (AVOL): 200 V/mV
· Response Time (t1): 300ns
· Saturation Voltage (Vsat): 700mV

## Operating Conditions
· DC Supply Voltage (VCC): ±2.5 to ±15V or 5.0 to 30V
· Operating Temperature (TA): 0 to +70°C

## Maximum Ratings
· Junction Temperature (TJ): 150°C
· Storage Temperature (Tstg): -65 to +150°C
· Lead Temperature (TL): 260°C (10 seconds)
· Power Dissipation (PD): 570µW (plastic package)

## Pin Assignments
· Pin 8: VCC
· Pin 4: GND
SL393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about SL393D Datasheet.
    Example questions: ➤ What is the typical supply current (icc) when vcc is 5.0v, according to the dc electrical characteristics?➤ What is the maximum allowable input current per pin, as specified in the maximum ratings table?➤ What is the specified operating temperature range for the sl393, as defined in the recommended operating conditions?
  • Datasheet Details
    Part No.SL393D
    ManufacturerSLS
    Size47 Kbytes
    Pages4 pages
    DescriptionLow Power Low Offset Voltage Dual Comparators
    Datasheet Summary AI Expand summary
    # SL393 Low Power Dual Comparators

    ## Overview
    The SL393 is a dual precision voltage comparator designed for single or split power supplies, offering low offset voltage and current consumption. It's suitable for applications like limit comparators, analog-to-digital conversion, and pulse/squarewave generation.

    ## Features
    · Low power consumption
    · Low offset voltage (2.0mV max)
    · Single or split supply operation
    · Low input bias and offset current
    · Wide input common mode voltage range
    · TTL and CMOS compatible
    · Low output saturation voltage

    ## Electrical Characteristics
    · Supply Voltage (VCC): 36V (single), ±18V (split)
    · Input Offset Voltage (VIO): 9.0mV max
    · Input Bias Current (IIB): 400nA max
    · Supply Current (ICC): 1.0mA (VCC=5V), 2.5mA (VCC=30V)
    · Voltage Gain (AVOL): 200 V/mV
    · Response Time (t1): 300ns
    · Saturation Voltage (Vsat): 700mV

    ## Operating Conditions
    · DC Supply Voltage (VCC): ±2.5 to ±15V or 5.0 to 30V
    · Operating Temperature (TA): 0 to +70°C

    ## Maximum Ratings
    · Junction Temperature (TJ): 150°C
    · Storage Temperature (Tstg): -65 to +150°C
    · Lead Temperature (TL): 260°C (10 seconds)
    · Power Dissipation (PD): 570µW (plastic package)

    ## Pin Assignments
    · Pin 8: VCC
    · Pin 4: GND