![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 8-002.5-152FBP Datasheet
Example questions:
1. What is the operating temperature range of the Series 152FB fusion-bonded Cable Jumpers?
2. What is the insulation resistance of the cable per 10 feet?
3. How can customers customize the Series 152FB fusion-bonded Cable Jumpers according to the information provided in the document?
# Series 152FB Fusion Bonded Cable Jumpers
## Features
- Flexible, direct plug-in to PC boards or sockets.
- Stranded wire conductors are fusion bonded with a tin (Sn) overcoat for easy soldering or socketing.
- Shipped with protective tabs to maintain conductor spacing.
- Pb-free material unless specified.
## General Specifications
- **Insulation:** UL VW-1, Style 2651 Polyvinyl Chloride (PVC) - optional Polarization Stripe available.
- **Nominal Insulation Thickness:** 0.009 [0.23] inches.
- **Conductors:** 26-gauge, 7-strand Cu with Sn fusion-bonded overcoat.
- **Operating Temperature:** -4°F to 221°F [-20°C to 105°C].
- **Voltage Rating:** 300Vrms.
- **Dielectric Withstanding Voltage:** 1500Vrms.
- **Insulation Resistance:** 10,000 m Ω per 10 feet [3.05 meters].
- **Resistance:** 40.3 Ω per 1000 feet [304.8 meters].
- **Propagation Delay:** 7.3ns/ft.
## Mounting Considerations
- **Suggested PCB Hole Size:** 0.033 ±0.002 [0.84 ±0.05] diameter.
## Customization
- Custom designs, materials, platings, sizes, and configurations are available based on quantity.
## Ordering Information
- **Format:** XX-XXXXX-152FB X
- **XX:** Number of Conductors (4-22)
- **XXXXX:** Cable Length (Example: -002- for 2")
- **152FB:** Jumper Series
- **X:** Option (P = Polarization Stripe along one edge of cable)
## Dimensions
- **"A":** Number of Conductors x 0.100 [2.54]
- **"B":** (# Conductors - 1) x 0.100 [2.54]
Part No. | 8-002.5-152FBP |
Manufacturer | ARIES |
Size | 583 Kbytes |
Pages | 1 page |
Description | Fusion Bonded Cable Jumpers |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |