Electronic Components Datasheet Search
  English  ▼

X  

ATS-50375G-C2-R0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS-50375G-C2-R0 Datasheet

  • # Example questions: ➢ What thermal resistance value can be expected with an air velocity of 400 ft/min using unducted flow?
    ➢ What is the height of the heat sink, measured from the base to the top of the fin field?
    ➢ What range of component heights is this heat sink designed to accommodate?

  • Part No.ATS-50375G-C2-R0
    ManufacturerATS
    Size305 Kbytes
    Pages1 page
    DescriptionUltra High Performance BGA Cooling
    Datasheet Summary with AI

    # ATS-50375G-C2-R0 High Performance BGA Cooling Solution

    ## Product Overview
    ️· ATS Part #: ATS-50375G-C2-R0
    ️· REV: 0908
    ️· Designed for standard height components (3 to 4.5mm)

    ## Features & Benefits
    ️· maxiFLOW™ Design: Low-profile, spread fin array maximizes surface area for effective convection cooling.
    ️· maxiGRIP™ Attachment: Applies even pressure without requiring PCB holes.
    ️· Thermal Interface Material: Pre-assembled with high-performance, phase-changing material.
    ️· Compliance: Meets Telcordia GR-63-Core, ETSI 300 019, and MIL-STD-810 standards for vibration and shock.

    ## Dimensions & Materials
    ️· Dimension A: 37.5 mm
    ️· Dimension B: 37.5 mm
    ️· Dimension C (heat sink height): 12.5 mm
    ️· Dimension D: 61.3 mm
    ️· Interface Material: Saint-Gobain C1100F
    ️· Finish: Blue-Anodized


    ## Thermal Performance
    ️· Thermal Resistance (°C/W) varies based on airflow:
    - Unducted Flow: 2.1 - 1.3
    - Ducted Flow: 2.1 - 1.3
    ️· Air Velocity (FT/MIN & M/S) and corresponding Thermal Resistance data provided for reference (200-800 FT/MIN).

    ## Ordering & Contact
    ️· Optional Installation/Removal Tool Set: P/N MGT375
    ️· For more information, distribution, or orders:
    - Website: www.qats.com
    - North America: 781.769.2800
    - Europe: +31 (0) 3569 84715

    ## Substitutes
    ️· ATS-50375G-C1-R0 (utilizes equivalent phase change material - Chomerics T766)

    # ATS-50375G-C2-R0 High Performance BGA Cooling Solution

    ## Product Overview
    ️· ATS Part #: ATS-50375G-C2-R0
    ️· REV: 0908
    ️· Designed for standard height components (3 to 4.5mm)

    ## Features & Benefits
    ️· maxiFLOW™ Design: Low-profile, spread fin array maximizes surface area for effective convection cooling.
    ️· maxiGRIP™ Attachment: Applies even pressure without requiring PCB holes.
    ️· Thermal Interface Material: Pre-assembled with high-performance, phase-changing material.
    ️· Compliance: Meets Telcordia GR-63-Core, ETSI 300 019, and MIL-STD-810 standards for vibration and shock.

    ## Dimensions & Materials
    ️· Dimension A: 37.5 mm
    ️· Dimension B: 37.5 mm
    ️· Dimension C (heat sink height): 12.5 mm
    ️· Dimension D: 61.3 mm
    ️· Interface Material: Saint-Gobain C1100F
    ️· Finish: Blue-Anodized

    ## Thermal Performance
    ️· Thermal Resistance (°C/W) varies based on airflow:
    - Unducted Flow: 2.1 - 1.3
    - Ducted Flow: 2.1 - 1.3
    ️· Air Velocity (FT/MIN & M/S) and corresponding Thermal Resistance data provided for reference (200-800 FT/MIN).

    ## Ordering & Contact
    ️· Optional Installation/Removal Tool Set: P/N MGT375
    ️· For more information, distribution, or orders:
    - Website: www.qats.com
    - North America: 781.769.2800
    - Europe: +31 (0) 3569 84715

    ## Substitutes
    ️· ATS-50375G-C1-R0 (utilizes equivalent phase change material - Chomerics T766)

    Part No.ATS-50375G-C2-R0
    ManufacturerATS
    Size305 Kbytes
    Pages1 page
    DescriptionUltra High Performance BGA Cooling