Electronic Components Datasheet Search
  English  ▼

X  

ATS-50250P-C2-R0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ATS-50250P-C2-R0 Datasheet

  • # Example questions: ➢ What materials are used in the construction of this heat sink, specifically for the interface material and the finish?
    ➢ What is the height of the heat sink, measured from the base to the top of the fin field?
    ➢ What range of component heights is this thermal solution designed to accommodate?

  • Part No.ATS-50250P-C2-R0
    ManufacturerATS
    Size308 Kbytes
    Pages1 page
    DescriptionUltra High Performance BGA Cooling
    Datasheet Summary with AI

    # ATS-50250P-C2-R0 - Ultra High Performance BGA Cooling Solution

    ## Features & Benefits

    ️· maxiFLOW™ Design: Low-profile, spread fin array for effective convection cooling.
    ️· maxiGRIP™ Attachment: Steady, even pressure without requiring PCB holes.
    ️· Compliance: Meets Telcordia GR-63, ETSI 300 019, MIL-STD-810 standards.
    ️· Thermal Interface Material: Preassembled with high-performance, phase-changing material.
    ️· Component Compatibility: Designed for components 3-4.5mm in height.

    ## Product Details

    ️· Part Number: ATS-50250P-C2-R0
    ️· Dimensions:
    - A: 25 mm
    - B: 25 mm
    - C: 17.5 mm
    - D: 44.9 mm
    ️· Material:
    - Interface: Saint-Gobain C1100F
    - Finish: Blue-anodized
    ️· Substitute Item: ATS-50250P-C1-R0 (utilizes Chomerics T766 phase change material)

    ## Thermal Performance

    ️· Air Velocity & Thermal Resistance (°C/W):

    Air Velocity (FT/MIN) Air Velocity (M/S) Unducted Flow Ducted Flow
    200 1.0 3.9 3
    300 1.5 3.2
    400 2.0 2.7
    500 2.5 2.5
    600 3.0 2.3
    700 3.5 2.1
    800 4.0 2.0

    ## Contact & Resources

    ️· Website: [www.qats.com](http://www.qats.com)
    ️· North America: 781.769.2800
    ️· Europe: +31 (0) 3569 84715
    ️· Revision: REV1_0908
    ️· Optional Tool Set: MGT250

    # ATS-50250P-C2-R0 - Ultra High Performance BGA Cooling Solution

    ## Features & Benefits

    ️· maxiFLOW™ Design: Low-profile, spread fin array for effective convection cooling.
    ️· maxiGRIP™ Attachment: Steady, even pressure without requiring PCB holes.
    ️· Compliance: Meets Telcordia GR-63, ETSI 300 019, MIL-STD-810 standards.
    ️· Thermal Interface Material: Preassembled with high-performance, phase-changing material.
    ️· Component Compatibility: Designed for components 3-4.5mm in height.

    ## Product Details

    ️· Part Number: ATS-50250P-C2-R0
    ️· Dimensions:
    - A: 25 mm
    - B: 25 mm
    - C: 17.5 mm
    - D: 44.9 mm
    ️· Material:
    - Interface: Saint-Gobain C1100F
    - Finish: Blue-anodized
    ️· Substitute Item: ATS-50250P-C1-R0 (utilizes Chomerics T766 phase change material)

    ## Thermal Performance

    ️· Air Velocity & Thermal Resistance (°C/W):

    Air Velocity (FT/MIN) Air Velocity (M/S) Unducted Flow Ducted Flow
    200 1.0 3.9 3
    300 1.5 3.2
    400 2.0 2.7
    500 2.5 2.5
    600 3.0 2.3
    700 3.5 2.1
    800 4.0 2.0

    ## Contact & Resources

    ️· Website: [www.qats.com](http://www.qats.com)
    ️· North America: 781.769.2800
    ️· Europe: +31 (0) 3569 84715
    ️· Revision: REV1_0908
    ️· Optional Tool Set: MGT250

    Part No.ATS-50250P-C2-R0
    ManufacturerATS
    Size308 Kbytes
    Pages1 page
    DescriptionUltra High Performance BGA Cooling