Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.TLC393D
MfrTI
Size354 Kbytes
Pages23 pages
DescriptionDUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
Datasheet SummaryAI
# TLC193/TLC393 Dual Micropower Voltage Comparators

## Overview
These are dual, independent, low-power voltage comparators designed for single-supply operation. They are functionally similar to the LM393 but consume significantly less power. They feature an open-drain MOS output stage and are suitable for applications requiring low power consumption. The LinCMOS process provides stable input offset voltages.

## Key Features
️· Low Power Consumption: Approximately 1/20th the power of the LM393.
️· Wide Supply Voltage Range: 3V to 16V (depending on the model).
️· Low Input Bias Current: Suitable for high-impedance circuits.
️· Stable Input Offset Voltage: Reliable comparator operation.
️· Open-Drain Output: Compatible with various loads.
️· Different Temperature Ranges: Available for commercial (0-70°C), industrial (-40-85°C), automotive (-40-125°C), and military (-55-125°C) applications.

## Available Models & Temperature Ranges
️· TLC393C: 0°C to 70°C
️· TLC393I: -40°C to 85°C
️· TLC393Q: -40°C to 125°C
️· TLC193M / TLC393M: -55°C to 125°C

## Electrical Characteristics (Typical Values - vary by model and temperature)
️· Supply Voltage (VDD): 3V - 16V
️· Input Offset Voltage (VIO): 1.4mV - 10mV (depending on model and temperature)
️· Input Bias Current: 5 pA - 30nA
️· Supply Current (IDD): 22µA - 90µA
️· Low-level Output Voltage (VOL): 300mV - 800mV
️· High-level Output Current (IOH): 0.8nA - 1µA

## Absolute Maximum Ratings
️· Supply Voltage: -0.3V to 18V
️· Differential Input Voltage: ±18V
️· Input Voltage: -0.3V to VDD
️· Output Voltage: -0.3V to 16V
️· Output Current: 20mA (per output)

## Package Options
️· Small Outline (D)
️· Chip Carrier (FK)
️· Ceramic DIP (JG)
️· Plastic DIP (P)
️· TSSOP (PW)
TLC393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about TLC393D Datasheet.
    Example questions: ➤ What is the typical supply current (idd) at 25°c for both comparators in the tlc393 version, and how does this compare to the tlc393q at its maximum operating temperature?➤ How does the input bias current (iib) change with temperature for the tlc393q? specifically, what is the value at 25°c and 125°c?➤ Compare the maximum operating temperature ranges for the tlc393q and tlc393 versions. what are the minimum and maximum temperatures for each?
  • Datasheet Details
    Part No.TLC393D
    ManufacturerTI
    Size354 Kbytes
    Pages23 pages
    DescriptionDUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
    Datasheet Summary AI Expand summary
    # TLC193/TLC393 Dual Micropower Voltage Comparators

    ## Overview
    These are dual, independent, low-power voltage comparators designed for single-supply operation. They are functionally similar to the LM393 but consume significantly less power. They feature an open-drain MOS output stage and are suitable for applications requiring low power consumption. The LinCMOS process provides stable input offset voltages.

    ## Key Features
    ️· Low Power Consumption: Approximately 1/20th the power of the LM393.
    ️· Wide Supply Voltage Range: 3V to 16V (depending on the model).
    ️· Low Input Bias Current: Suitable for high-impedance circuits.
    ️· Stable Input Offset Voltage: Reliable comparator operation.
    ️· Open-Drain Output: Compatible with various loads.
    ️· Different Temperature Ranges: Available for commercial (0-70°C), industrial (-40-85°C), automotive (-40-125°C), and military (-55-125°C) applications.

    ## Available Models & Temperature Ranges
    ️· TLC393C: 0°C to 70°C
    ️· TLC393I: -40°C to 85°C
    ️· TLC393Q: -40°C to 125°C
    ️· TLC193M / TLC393M: -55°C to 125°C

    ## Electrical Characteristics (Typical Values - vary by model and temperature)
    ️· Supply Voltage (VDD): 3V - 16V
    ️· Input Offset Voltage (VIO): 1.4mV - 10mV (depending on model and temperature)
    ️· Input Bias Current: 5 pA - 30nA
    ️· Supply Current (IDD): 22µA - 90µA
    ️· Low-level Output Voltage (VOL): 300mV - 800mV
    ️· High-level Output Current (IOH): 0.8nA - 1µA

    ## Absolute Maximum Ratings
    ️· Supply Voltage: -0.3V to 18V
    ️· Differential Input Voltage: ±18V
    ️· Input Voltage: -0.3V to VDD
    ️· Output Voltage: -0.3V to 16V
    ️· Output Current: 20mA (per output)

    ## Package Options
    ️· Small Outline (D)
    ️· Chip Carrier (FK)
    ️· Ceramic DIP (JG)
    ️· Plastic DIP (P)
    ️· TSSOP (PW)