Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI
Size413 Kbytes
Pages18 pages
DescriptionDUAL DIFFERENTIAL COMPARATORS
Datasheet SummaryAI
# LM193/LM293/LM393 Series Comparators

## Description
These devices consist of two independent voltage comparators designed to operate from a single or dual power supply. They are compatible with TTL, MOS, and CMOS logic.

## Key Features
️· Wide supply voltage range: 2V to 36V
️· Low input bias and offset currents (3nA & 2mV typical for LM193)
️· Common-mode input voltage range includes ground
️· Low output saturation voltage
️· Various package options: PDIP, SOIC, TSSOP, etc.
️· Operating temperature range: -55°C to 125°C (depending on the model)

## Electrical Characteristics (Typical)
️· Supply Voltage (VCC): 2V to 36V
️· Input Offset Voltage: 2mV (LM193), 1mV (LM293A/LM393A)
️· Input Bias Current: 25nA (LM193), less for LM293/LM393 series
️· Common Mode Input Range: Includes ground to VCC - 1.5V
️· Supply Current (ICC): 0.8mA - 2.5mA (depending on VCC and model)

## Ordering Information
Various package options are available for each model (LM193, LM293, LM393, LM293A, LM393A) including PDIP, SOIC, TSSOP, LCCC. Temperature ranges vary by model. (See datasheet for full list).
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the typical supply current (icc) for the lm293a when vcc = 5v and rl = ∞ (infinity)?➤ Compare the input offset voltage (iouv) specifications for the lm193 and lm293a at 25°c. what is the key difference?➤ What is the maximum supply voltage (vcc) that the lm293a/lm393a can operate at, according to the provided documentation?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI
    Size413 Kbytes
    Pages18 pages
    DescriptionDUAL DIFFERENTIAL COMPARATORS
    Datasheet Summary AI Expand summary
    # LM193/LM293/LM393 Series Comparators

    ## Description
    These devices consist of two independent voltage comparators designed to operate from a single or dual power supply. They are compatible with TTL, MOS, and CMOS logic.

    ## Key Features
    ️· Wide supply voltage range: 2V to 36V
    ️· Low input bias and offset currents (3nA & 2mV typical for LM193)
    ️· Common-mode input voltage range includes ground
    ️· Low output saturation voltage
    ️· Various package options: PDIP, SOIC, TSSOP, etc.
    ️· Operating temperature range: -55°C to 125°C (depending on the model)

    ## Electrical Characteristics (Typical)
    ️· Supply Voltage (VCC): 2V to 36V
    ️· Input Offset Voltage: 2mV (LM193), 1mV (LM293A/LM393A)
    ️· Input Bias Current: 25nA (LM193), less for LM293/LM393 series
    ️· Common Mode Input Range: Includes ground to VCC - 1.5V
    ️· Supply Current (ICC): 0.8mA - 2.5mA (depending on VCC and model)

    ## Ordering Information
    Various package options are available for each model (LM193, LM293, LM393, LM293A, LM393A) including PDIP, SOIC, TSSOP, LCCC. Temperature ranges vary by model. (See datasheet for full list).