Electronic Components Datasheet Search
  English  ▼

X  

STK850 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STK850 Datasheet

  • # Example questions: ➢ If this stk850 transistor were to be used in an automotive application, what crucial disclaimer from the document must be considered?
    ➢ What is the typical maximum collector current (ic) for the stk850 transistor, as specified in table 2?
    ➢ What is the maximum height (h4) of the polarpak package?

  • Part No.STK850
    ManufacturerSTMICROELECTRONICS
    Size435 Kbytes
    Pages16 pages
    DescriptionN-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET
    Datasheet Summary with AI

    Okay, here's a summary of the provided datasheet for the STK850, broken down into key areas:

    1. Device Overview:

    ️· Type: The STK850 is a MOSFET driver IC, specifically designed for driving synchronous rectification MOSFETs in power supplies (like SMPS - Switched Mode Power Supplies). It's optimized for high efficiency and low power loss.
    ️· Key Features: It provides isolated gate drive, precise dead-time control, and protection features. It's designed to replace traditional diode-based rectifiers with MOSFETs to reduce losses.

    2. Key Specifications & Performance:

    ️· Input Voltage: Wide range, typically suited for various power supply designs.
    ️· Gate Drive Current: Provides sufficient current to quickly switch on/off MOSFETs, minimizing switching losses.
    ️· Dead-Time Control: Allows for adjustable dead-time to prevent shoot-through (short circuit) conditions.
    ️· Protection Features: Includes features like over-current protection, short-circuit protection, and over-temperature protection.

    3. Applications:

    ️· Synchronous Rectification: The primary application. Used in SMPS to improve efficiency.
    ️· Power Factor Correction (PFC) Circuits: Can be used in PFC stages.
    ️· High-Frequency Power Converters: Suited for applications where efficiency and size are critical.

    4. Package & Pinout:

    ️· Package Type: PolarPAK® (option “L”) – A surface-mount package optimized for power applications.
    ️· Pinout details are visually provided in the datasheet (Figures 22 and 23 show the pinout and recommended pad layout.)

    5. Revision History

    ️· The document has undergone multiple revisions, with updates to features, data, and layout.



    In essence, the STK850 is a specialized IC aimed at boosting the efficiency of power supplies by enabling the use of synchronous rectification. It’s a robust solution with protection features and designed for high-performance applications.

    1. Device Overview:

    ️· Type: The STK850 is a MOSFET driver IC, specifically designed for driving synchronous rectification MOSFETs in power supplies (like SMPS - Switched Mode Power Supplies). It's optimized for high efficiency and low power loss.
    ️· Key Features: It provides isolated gate drive, precise dead-time control, and protection features. It's designed to replace traditional diode-based rectifiers with MOSFETs to reduce losses.

    2. Key Specifications & Performance:

    ️· Input Voltage: Wide range, typically suited for various power supply designs.
    ️· Gate Drive Current: Provides sufficient current to quickly switch on/off MOSFETs, minimizing switching losses.
    ️· Dead-Time Control: Allows for adjustable dead-time to prevent shoot-through (short circuit) conditions.
    ️· Protection Features: Includes features like over-current protection, short-circuit protection, and over-temperature protection.

    3. Applications:

    ️· Synchronous Rectification: The primary application. Used in SMPS to improve efficiency.
    ️· Power Factor Correction (PFC) Circuits: Can be used in PFC stages.
    ️· High-Frequency Power Converters: Suited for applications where efficiency and size are critical.

    4. Package & Pinout:

    ️· Package Type: PolarPAK® (option “L”) – A surface-mount package optimized for power applications.
    ️· Pinout details are visually provided in the datasheet (Figures 22 and 23 show the pinout and recommended pad layout.)

    5. Revision History

    ️· The document has undergone multiple revisions, with updates to features, data, and layout.



    In essence, the STK850 is a specialized IC aimed at boosting the efficiency of power supplies by enabling the use of synchronous rectification. It’s a robust solution with protection features and designed for high-performance applications.

    Part No.STK850
    ManufacturerSTMICROELECTRONICS
    Size435 Kbytes
    Pages16 pages
    DescriptionN-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET