| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STPS6045CP Datasheet
# Example questions:
➢ What are the different package types available for the stps6045cp/cpi/cw, and what is the typical weight of each package type?
➢ What is the maximum average forward current (if(av)) that the stps6045cp/cpi/cw can handle under a delta (δ) of 0.5?
➢ How is the total junction to ambient thermal resistance (rth(j-a)) calculated when using diodes 1 and 2 simultaneously?
# STPS6045CP/CPI/CW Schottky Rectifier
## Features
· Dual center tap Schottky rectifier
· Suitable for switchmode power supply & DC-DC converters
· Low voltage, high frequency inverters, free wheeling, polarity protection
· Very small conduction losses
· Negligible switching losses
· Extreme fast switching
· Low thermal resistance
## Electrical Characteristics
· VRRM (Repetitive peak reverse voltage): 45 V
· IF(RMS) (RMS forward current): 60 A
· IF(AV) (Average forward current): 2x30 A (per diode)
· IFSM (Surge non-repetitive forward current): 400 A (tp=10ms)
· IRRM (Repetitive Peak reverse current): 1A
· IRSM (Non-repetitive peak reverse current): 3A
· Tj (Maximum operating junction temperature): 175 °C
· VF (Forward voltage drop): 0.53 - 0.84 V (depending on IF and Tj)
## Thermal Characteristics
· Rth(j-c) (Junction to case): 0.55-1.8 °C/W (depending on package)
· Rth(j-a) (Junction to ambient): Varies with package and cooling method
· Cooling method: by conduction
## Package Options
· SOT-93
· TOP-3I (isolated)
· TO-247
· Package weight and base quantity are specified for each package type.
## Mechanical Data
· Detailed dimensions are provided for each package type (SOT-93, TOP-3I, TO-247) including various length, width, diameter and angle specifications.
· Recommended and maximum torque values are specified (0.8/1.0 N.m)
· Epoxy meets UL94, V0 standards.
# STPS6045CP/CPI/CW Schottky Rectifier
## Features
· Dual center tap Schottky rectifier
· Suitable for switchmode power supply & DC-DC converters
· Low voltage, high frequency inverters, free wheeling, polarity protection
· Very small conduction losses
· Negligible switching losses
· Extreme fast switching
· Low thermal resistance
## Electrical Characteristics
· VRRM (Repetitive peak reverse voltage): 45 V
· IF(RMS) (RMS forward current): 60 A
· IF(AV) (Average forward current): 2x30 A (per diode)
· IFSM (Surge non-repetitive forward current): 400 A (tp=10ms)
· IRRM (Repetitive Peak reverse current): 1A
· IRSM (Non-repetitive peak reverse current): 3A
· Tj (Maximum operating junction temperature): 175 °C
· VF (Forward voltage drop): 0.53 - 0.84 V (depending on IF and Tj)
## Thermal Characteristics
· Rth(j-c) (Junction to case): 0.55-1.8 °C/W (depending on package)
· Rth(j-a) (Junction to ambient): Varies with package and cooling method
· Cooling method: by conduction
## Package Options
· SOT-93
· TOP-3I (isolated)
· TO-247
· Package weight and base quantity are specified for each package type.
## Mechanical Data
· Detailed dimensions are provided for each package type (SOT-93, TOP-3I, TO-247) including various length, width, diameter and angle specifications.
· Recommended and maximum torque values are specified (0.8/1.0 N.m)
· Epoxy meets UL94, V0 standards.
| Part No. | STPS6045CP |
| Manufacturer | STMICROELECTRONICS |
| Size | 66 Kbytes |
| Pages | 5 pages |
| Description | POWER SCHOTTKY RECTIFIER |