| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STP7NB40 Datasheet
# Example questions:
➢ What is the maximum avalanche current (iar) specified for the stp7nb40/fp, and what limitation applies to this current?
➢ What is the typical gate threshold voltage (vgs(th)) for the stp7nb40/fp, and under what conditions is this measured?
➢ What is the maximum total dissipation for the stp7nb40/fp at a case temperature of 25°c?
## Summary of the STP7NB40/FP Datasheet:
This document is a datasheet for the STP7NB40/FP N-Channel Power MOSFET from SGS-THOMSON Microelectronics (now STMicroelectronics). Here's a breakdown of the key specifications and characteristics:
Key Features:
️· Type: N-Channel Power MOSFET
️· Voltage: Designed for applications requiring up to 500V.
️· Current:
- Continuous Drain Current (Tc = 25°C): 7A
- Pulsed Drain Current: 28A
️· RDS(on): 0.75Ω (typical) at VGS = 10V, ID = 3.5A - indicating low on-resistance for efficient switching.
Key Specifications:
️· V(BR)DSS: 500V (Drain-Source Breakdown Voltage)
️· VGS(th): 3-5V (Gate Threshold Voltage)
️· Max Junction Temperature (Tj): 150°C
️· Thermal Resistance (Rthj-case): 1.25°C/W (TO-220 package), 3.57°C/W (TO-220FP package)
️· Switching Performance: The datasheet provides typical values for turn-on/off times, rise/fall times, and gate charge (Qg).
Packages:
️· Available in TO-220 and TO-220FP packages.
Applications:
️· Suitable for a wide range of power switching applications.
️· The document highlights applications like switching regulators, motor control, and high-speed switching.
Important Notes:
️· The document is preliminary, meaning specifications are subject to change.
️· The device has avalanche capabilities (IAR = 7A)
️· The device has limits for di/dt and dv/dt to ensure safe operation.
Overall:
The STP7NB40/FP is a robust and efficient N-Channel MOSFET designed for use in power switching applications. Its low on-resistance, moderate voltage and current ratings, and available package options make it a versatile choice for many designs.
## Summary of the STP7NB40/FP Datasheet:
This document is a datasheet for the STP7NB40/FP N-Channel Power MOSFET from SGS-THOMSON Microelectronics (now STMicroelectronics). Here's a breakdown of the key specifications and characteristics:
Key Features:
️· Type: N-Channel Power MOSFET
️· Voltage: Designed for applications requiring up to 500V.
️· Current:
- Continuous Drain Current (Tc = 25°C): 7A
- Pulsed Drain Current: 28A
️· RDS(on): 0.75Ω (typical) at VGS = 10V, ID = 3.5A - indicating low on-resistance for efficient switching.
Key Specifications:
️· V(BR)DSS: 500V (Drain-Source Breakdown Voltage)
️· VGS(th): 3-5V (Gate Threshold Voltage)
️· Max Junction Temperature (Tj): 150°C
️· Thermal Resistance (Rthj-case): 1.25°C/W (TO-220 package), 3.57°C/W (TO-220FP package)
️· Switching Performance: The datasheet provides typical values for turn-on/off times, rise/fall times, and gate charge (Qg).
Packages:
️· Available in TO-220 and TO-220FP packages.
Applications:
️· Suitable for a wide range of power switching applications.
️· The document highlights applications like switching regulators, motor control, and high-speed switching.
Important Notes:
️· The document is preliminary, meaning specifications are subject to change.
️· The device has avalanche capabilities (IAR = 7A)
️· The device has limits for di/dt and dv/dt to ensure safe operation.
Overall:
The STP7NB40/FP is a robust and efficient N-Channel MOSFET designed for use in power switching applications. Its low on-resistance, moderate voltage and current ratings, and available package options make it a versatile choice for many designs.
| Part No. | STP7NB40 |
| Manufacturer | STMICROELECTRONICS |
| Size | 73 Kbytes |
| Pages | 4 pages |
| Description | N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET |