| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDI-E808-A Datasheet
# Example questions:
➢ Within what temperature range can this led be safely stored?
➢ What is the typical radiant intensity when the forward current is 100 ma?
➢ What is the maximum continuous forward current this led can handle?
# GaAlAs High Power IR LED Emitters - PDI-E808-A
## General Description
· High power GaAlAs infrared emitter
· Packaged in a low-cost T 1¾ plastic package.
· Suitable for photoelectric switches, infrared sources, and automatic controls.
## Absolute Maximum Ratings (TA = 23°C)
· Power Dissipation (Pd): 200 mW
· Continuous Forward Current (If): 100 mA
· Peak Forward Current (Ip): 1 A
· Reverse Voltage (Vr): 5 V
· Storage Temperature (TSTG): -65°C to +125°C
· Operating Temperature (TO): -65°C to +125°C
· Soldering Temperature (TS): +240°C (1/16 inch from case for 3 seconds max)
## Electro-Optical Characteristics (TA = 23°C)
· Radiant Intensity (Po) @ If = 100 mA: 12 - 30 mW/Sr (typical)
· Forward Voltage (Vf) @ If = 100 mA: 1.5 - 2.0 V (typical)
· Reverse Breakdown Voltage (Vr) @ If = 100 μA: 5 - 30 V
· Peak Wavelength (λp) @ If = 50 mA: 880 nm
· Spectral Halfwidth (Δλ) @ If = 50 mA: 70 nm
· Terminal Capacitance (Ct) @ Vr = 0V, f = 1MHz: 20 pF
· Reverse Current (IR) @ Vr = 4V: 10 μA
· Rise Time (tr) @ If = 20 mA: 1.5 μs
· Fall Time (tf) @ If = 20 mA: 0.8 μs
## Package Dimensions (in inches [mm])
· Refer to included diagram (T 1¾ package) including dimensions for beam angle, anode, cathode, and plastic details.
Disclaimer: Specifications are subject to change without notice.
# GaAlAs High Power IR LED Emitters - PDI-E808-A
## General Description
· High power GaAlAs infrared emitter
· Packaged in a low-cost T 1¾ plastic package.
· Suitable for photoelectric switches, infrared sources, and automatic controls.
## Absolute Maximum Ratings (TA = 23°C)
· Power Dissipation (Pd): 200 mW
· Continuous Forward Current (If): 100 mA
· Peak Forward Current (Ip): 1 A
· Reverse Voltage (Vr): 5 V
· Storage Temperature (TSTG): -65°C to +125°C
· Operating Temperature (TO): -65°C to +125°C
· Soldering Temperature (TS): +240°C (1/16 inch from case for 3 seconds max)
## Electro-Optical Characteristics (TA = 23°C)
· Radiant Intensity (Po) @ If = 100 mA: 12 - 30 mW/Sr (typical)
· Forward Voltage (Vf) @ If = 100 mA: 1.5 - 2.0 V (typical)
· Reverse Breakdown Voltage (Vr) @ If = 100 μA: 5 - 30 V
· Peak Wavelength (λp) @ If = 50 mA: 880 nm
· Spectral Halfwidth (Δλ) @ If = 50 mA: 70 nm
· Terminal Capacitance (Ct) @ Vr = 0V, f = 1MHz: 20 pF
· Reverse Current (IR) @ Vr = 4V: 10 μA
· Rise Time (tr) @ If = 20 mA: 1.5 μs
· Fall Time (tf) @ If = 20 mA: 0.8 μs
## Package Dimensions (in inches [mm])
· Refer to included diagram (T 1¾ package) including dimensions for beam angle, anode, cathode, and plastic details.
Disclaimer: Specifications are subject to change without notice.
| Part No. | PDI-E808-A |
| Manufacturer | ADVANCEDPHOTONIX |
| Size | 111 Kbytes |
| Pages | 1 page |
| Description | GaAlAs High power IR LED Emitters |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |