![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM317 Datasheet
Example questions:
1. What is the output voltage range of the LM117/LM217/LM317 adjustable voltage regulators?
2. What is the output current capability of the LM117/LM217/LM317 regulators?
3. What are some of the protections provided by the LM117/LM217/LM317 regulators?
The document is a technical datasheet for the LM117/LM217/LM317 adjustable voltage regulators.
It provides information on the features, description, order codes, maximum ratings, electrical characteristics, typical characteristics, application information, and package mechanical data for the regulators.
The regulators have an output voltage range of 1.2 to 37 V, output current in excess of 1.5 A, and 0.1% line and load regulation.
They are designed for use as positive adjustable voltage regulators and are available in various package types.
The document also includes diagrams, tables, and drawings with dimensions for the different package types.
Additionally, it provides application information for using the regulators in various circuits and configurations.
The document also mentions the use of ECOPACK® packages for environmental compliance.
Part No. | LM317 |
Manufacturer | STMICROELECTRONICS |
Size | 1,023 Kbytes |
Pages | 25 pages |
Description | 1.2 V to 37 V adjustable voltage regulators |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |