Electronic Components Datasheet Search
  English  ▼

X  

STP4NB30FP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STP4NB30FP Datasheet

  • # Example questions: ➢ How does the datasheet address the use of this product in safety-critical applications?
    ➢ What is the typical value for the gate threshold voltage?
    ➢ What is the maximum allowable drain current when operating this mosfet continuously?

  • Part No.STP4NB30FP
    ManufacturerISC
    Size318 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor STP4NB30FP

    ## Features
    · Drain Current: ID = 4.0A @ TC = 25℃
    · Drain Source Voltage: V DSS = 300V (Min)
    · Static Drain-Source On-Resistance: RDS(on) = 2.0Ω (Max) @ VGS = 10V

    ## Absolute Maximum Ratings (Ta=25℃)
    |SYMBOL|PARAMETER|VALUE|UNIT|
    |---|---|---|---|
    |VDSS|Drain-Source Voltage|300|V|
    |VGS|Gate-Source Voltage-Continuous|±30|V|
    |ID|Drain Current-Continuous|4.0|A|
    |IDM|Drain Current-Single Pulse|16|A|
    |PD|Total Dissipation @ TC=25℃|30|W|
    |TJ|Max. Operating Junction Temperature|150|℃|
    |Tstg|Storage Temperature|-65~150|℃|

    ## Thermal Characteristics
    |SYMBOL|PARAMETER|VALUE|UNIT|

    |---|---|---|---|
    |Rth j-c|Thermal Resistance, Junction to Case|4.17|℃/W|

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)
    |SYMBOL|PARAMETER|CONDITIONS|MIN|TYP.|MAX|UNIT|
    |---|---|---|---|---|---|---|
    |V(BR)DSS|Drain-Source Breakdown Voltage|VGS= 0V; ID= 0.25mA|300|--|--|V|
    |IDSS|Zero Gate Voltage Drain Current|VDS=300V; VGS= 0V|--|--|1|μA|
    |IGSS|Gate-Body Leakage Current|VGS= ±30V;VDS= 0V|--|--|±100|nA|
    |VGS(th)|Gate Threshold Voltage|VDS= VGS; ID= 250μA|2.0|--|4.0|V|
    |RDS(on)|Drain-Source On-Resistance|VGS= 10V; ID= 2.5A|--|--|2.0|Ω|
    |VSD|Forward On-Voltage|IS= 4.0A; VGS= 0V|--|--|1.5|V|

    ## Product Disclaimer
    · Intended for general electronic equipment
    · Not designed for specialized quality/reliability equipment or hazardous/aerospace/medical applications.

    # isc N-Channel MOSFET Transistor STP4NB30FP

    ## Features
    · Drain Current: ID = 4.0A @ TC = 25℃
    · Drain Source Voltage: V DSS = 300V (Min)
    · Static Drain-Source On-Resistance: RDS(on) = 2.0Ω (Max) @ VGS = 10V

    ## Absolute Maximum Ratings (Ta=25℃)
    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 300 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 4.0 A
    IDM Drain Current-Single Pulse 16 A
    PD Total Dissipation @ TC=25℃ 30 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -65~150

    ## Thermal Characteristics
    SYMBOL PARAMETER VALUE UNIT
    Rth j-c Thermal Resistance, Junction to Case 4.17 ℃/W

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)
    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0V; ID= 0.25mA 300 -- -- V
    IDSS Zero Gate Voltage Drain Current VDS=300V; VGS= 0V -- -- 1 μA
    IGSS Gate-Body Leakage Current VGS= ±30V;VDS= 0V -- -- ±100 nA
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 250μA 2.0 -- 4.0 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 2.5A -- -- 2.0 Ω
    VSD Forward On-Voltage IS= 4.0A; VGS= 0V -- -- 1.5 V

    ## Product Disclaimer
    · Intended for general electronic equipment
    · Not designed for specialized quality/reliability equipment or hazardous/aerospace/medical applications.

    Part No.STP4NB30FP
    ManufacturerISC
    Size318 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor