Electronic Components Datasheet Search
  English  ▼

X  

O-CS8-AKSYZGUP-L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about O-CS8-AKSYZGUP-L Datasheet

  • # Example questions: ➢ What is the maximum peak package body temperature (tp) for a snpb eutectic assembly with a package thickness of less than 5mm?
    ➢ The datasheet provides different 'reel specifications' based on quantity. what quantity is associated with a reel specification of 'w1' = 32+4/-0.1?
    ➢ What is the function of pin #1?

  • Part No.O-CS8-AKSYZGUP-L
    ManufacturerABRACON
    Size481 Kbytes
    Pages8 pages
    DescriptionUltra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
    Datasheet Summary with AI

    1. General Information & Overview

    · Product: O-CS8 Series OCXO (Oven-Controlled Crystal Oscillator)
    · Function: Provides a highly stable and precise frequency output. Used in applications demanding accuracy.
    · Package: SMD (Surface Mount Device) – 14 x 21 x 7.5 mm
    · Manufacturer: NELOC (North Electrical Components)
    · Revision: Revision P (as of 08/24/2023) - Note that some data within this revision is crossed out, so confirm latest versions with NELOC.

    2. Electrical Specifications (Key Values - Confirm with Latest Revision)

    · Frequency Range: The specific frequency range isn't stated directly in the provided document. *You'd need to consult NELOC directly for precise frequencies offered.*
    · Stability: The datasheet highlights high stability but doesn't give a specific value. Stability over temperature is controlled by choosing appropriate temperature codes.
    · Output: The output type isn't specified.
    · Supply Voltage (Vcc): Unspecified.
    · Control Voltage (Vc): Used for frequency adjustment (details in pinout).
    · Reference Voltage (Vref): Unspecified.

    3. Pinout

    · Pin 1: Supply Voltage (Vcc)
    · Pin 2: Ground
    · Pin 3: Ground
    · Pin 4: Output
    · Pin 5: Control Voltage (Vc)
    · Pin 6: Ground
    · Pin 7: Reference Voltage (Vref)
    · Pin 8: Ground

    4. Environmental Conditions & Operating Range

    · Operating Temperature: Controlled by the temperature code selected. See the "Temperature Code Table" at the end. Standard operation typically up to 70°C (though higher values are possible, but not recommended).
    · Storage Temperature: Not specified.
    · Humidity: Not specified.

    5. Mechanical Dimensions

    · Overall Size: 14 x 21 x 7.5 mm
    · SMD Footprint: Defined in the mechanical drawings (not included in provided text).

    6. Packaging

    · Tape and Reel Specifications: Detailed dimensions are provided for both "T" (50 units/reel) and "T1" (350 units/reel) packaging options. Includes tape width, pocket dimensions, and reel dimensions.

    7. Reflow Profile

    · JEDEC J-STD-020 Compliant: The datasheet specifies a reflow profile that meets this industry standard.
    · Lead-Free and SnPb Eutectic Profiles: Provides temperature and time parameters for both lead-free and traditional SnPb solder processes. Includes peak temperature limits and ramp-up/cool-down rates.

    8. Temperature Code Table

    This is a critical table allowing customization of operating temperature range. Here's a summary. (Note: the "it's not recommended to over-specify" note means choosing a wider range than necessary can negatively impact cost.)

    · Code | Temperature (°C)
    * A | -40
    * B | -35
    * C | -30
    * D | -25
    * E | -20
    * F | -15
    * G | -10
    * H | -5
    * I | 0
    * J | 5
    * K | 10
    * L | 15
    * M | 20
    * N | 25
    * O | 30
    * P | 35
    * Q | 40
    * R | 45
    * S | 50
    * T | 55
    * U | 60
    * V | 65
    * W | 70
    * X | 75
    * Y | 80
    * Z | 85

    9. Important Notes and Cautions

    · Contact NELOC: This datasheet appears incomplete. You *must* contact NELOC directly for complete and up-to-date specifications, including frequency range, detailed electrical characteristics, and the latest revision.
    · Crossed-Out Data: Pay close attention to any data that is crossed out. These values may be obsolete or no longer supported.
    · Stability vs. Cost: Choosing a wider operating temperature range can significantly increase the cost of the OCXO.
    · Operating Temperature Limitations: Avoid exceeding the recommended operating temperatures (typically up to 70°C) to ensure reliable performance.
    · Part Number String: The part number string must not contain spaces.

    1. General Information & Overview

    · Product: O-CS8 Series OCXO (Oven-Controlled Crystal Oscillator)
    · Function: Provides a highly stable and precise frequency output. Used in applications demanding accuracy.
    · Package: SMD (Surface Mount Device) – 14 x 21 x 7.5 mm
    · Manufacturer: NELOC (North Electrical Components)
    · Revision: Revision P (as of 08/24/2023) - Note that some data within this revision is crossed out, so confirm latest versions with NELOC.

    2. Electrical Specifications (Key Values - Confirm with Latest Revision)

    · Frequency Range: The specific frequency range isn't stated directly in the provided document. *You'd need to consult NELOC directly for precise frequencies offered.*
    · Stability: The datasheet highlights high stability but doesn't give a specific value. Stability over temperature is controlled by choosing appropriate temperature codes.
    · Output: The output type isn't specified.
    · Supply Voltage (Vcc): Unspecified.
    · Control Voltage (Vc): Used for frequency adjustment (details in pinout).
    · Reference Voltage (Vref): Unspecified.

    3. Pinout

    · Pin 1: Supply Voltage (Vcc)
    · Pin 2: Ground
    · Pin 3: Ground
    · Pin 4: Output
    · Pin 5: Control Voltage (Vc)
    · Pin 6: Ground
    · Pin 7: Reference Voltage (Vref)
    · Pin 8: Ground

    4. Environmental Conditions & Operating Range

    · Operating Temperature: Controlled by the temperature code selected. See the "Temperature Code Table" at the end. Standard operation typically up to 70°C (though higher values are possible, but not recommended).
    · Storage Temperature: Not specified.
    · Humidity: Not specified.

    5. Mechanical Dimensions

    · Overall Size: 14 x 21 x 7.5 mm
    · SMD Footprint: Defined in the mechanical drawings (not included in provided text).

    6. Packaging

    · Tape and Reel Specifications: Detailed dimensions are provided for both "T" (50 units/reel) and "T1" (350 units/reel) packaging options. Includes tape width, pocket dimensions, and reel dimensions.

    7. Reflow Profile

    · JEDEC J-STD-020 Compliant: The datasheet specifies a reflow profile that meets this industry standard.
    · Lead-Free and SnPb Eutectic Profiles: Provides temperature and time parameters for both lead-free and traditional SnPb solder processes. Includes peak temperature limits and ramp-up/cool-down rates.

    8. Temperature Code Table

    This is a critical table allowing customization of operating temperature range. Here's a summary. (Note: the "it's not recommended to over-specify" note means choosing a wider range than necessary can negatively impact cost.)

    · Code | Temperature (°C)
    * A | -40
    * B | -35
    * C | -30
    * D | -25
    * E | -20
    * F | -15
    * G | -10
    * H | -5
    * I | 0
    * J | 5
    * K | 10
    * L | 15
    * M | 20
    * N | 25
    * O | 30
    * P | 35
    * Q | 40
    * R | 45
    * S | 50
    * T | 55
    * U | 60
    * V | 65
    * W | 70
    * X | 75
    * Y | 80
    * Z | 85

    9. Important Notes and Cautions

    · Contact NELOC: This datasheet appears incomplete. You *must* contact NELOC directly for complete and up-to-date specifications, including frequency range, detailed electrical characteristics, and the latest revision.
    · Crossed-Out Data: Pay close attention to any data that is crossed out. These values may be obsolete or no longer supported.
    · Stability vs. Cost: Choosing a wider operating temperature range can significantly increase the cost of the OCXO.
    · Operating Temperature Limitations: Avoid exceeding the recommended operating temperatures (typically up to 70°C) to ensure reliable performance.
    · Part Number String: The part number string must not contain spaces.

    Part No.O-CS8-AKSYZGUP-L
    ManufacturerABRACON
    Size481 Kbytes
    Pages8 pages
    DescriptionUltra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List