Electronic Components Datasheet Search
  English  ▼

X  

STP4NB100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STP4NB100 Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction-to-case, impact heat dissipation in this device?
    ➢ What is the range of gate-source threshold voltage expected for this transistor under the specified test conditions?
    ➢ What is the maximum allowable drain current when operating this mosfet continuously?

  • Part No.STP4NB100
    ManufacturerISC
    Size398 Kbytes
    Pages2 pages
    DescriptionN-Channel MOSFET Transistor
    Datasheet Summary with AI

    # ISF1183 / STP4NB100 N-Channel MOSFET Transistor

    ## Features

    ️· Drain Current (ID): 3.8A @ TC=25℃
    ️· Drain-Source Voltage (VDSS): 1000V (Min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 4.4Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 1000 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 3.8 A
    IDM Drain Current-Single Pulse 15.2 A
    PD Total Dissipation@TC=25℃ 125 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -65~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rthj-c Thermal Resistance, JunctiontoCase 1 ℃/W

    ## Electrical Characteristics

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0, ID=0.25mA 1000 - - V
    IDSS Zero Gate Voltage Drain Current VDS=600V,VGS=0V - - 1 uA
    IGSS Gate-Body Leakage Current VGS= ±30V,VDS=0V - - ±100 nA
    VGS(th) Gate Threshold Voltage VDS=VGS, ID=0.25mA 3 - 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V,ID=2A - - 4.4 Ω
    VSD Diode Forward Voltage ISD=3.8A,VGS=0V - - 1.6 V

    ## Disclaimer

    ️· Product specifications are subject to change without notice.
    ️· Intended for general electronic equipment.
    ️· Not designed for use in specialized quality/reliability equipment or hazardous environments.
    ️· No warranty or guarantee regarding suitability for any particular purpose.
    ️· Reprinting or copying of datasheet is prohibited without permission.

    # ISF1183 / STP4NB100 N-Channel MOSFET Transistor

    ## Features

    ️· Drain Current (ID): 3.8A @ TC=25℃
    ️· Drain-Source Voltage (VDSS): 1000V (Min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 4.4Ω (Max) @ VGS=10V

    ## Absolute Maximum Ratings

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 1000 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 3.8 A
    IDM Drain Current-Single Pulse 15.2 A
    PD Total Dissipation@TC=25℃ 125 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -65~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rthj-c Thermal Resistance, JunctiontoCase 1 ℃/W

    ## Electrical Characteristics

    SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0, ID=0.25mA 1000 - - V
    IDSS Zero Gate Voltage Drain Current VDS=600V,VGS=0V - - 1 uA
    IGSS Gate-Body Leakage Current VGS= ±30V,VDS=0V - - ±100 nA
    VGS(th) Gate Threshold Voltage VDS=VGS, ID=0.25mA 3 - 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V,ID=2A - - 4.4 Ω
    VSD Diode Forward Voltage ISD=3.8A,VGS=0V - - 1.6 V

    ## Disclaimer

    ️· Product specifications are subject to change without notice.
    ️· Intended for general electronic equipment.
    ️· Not designed for use in specialized quality/reliability equipment or hazardous environments.
    ️· No warranty or guarantee regarding suitability for any particular purpose.
    ️· Reprinting or copying of datasheet is prohibited without permission.

    Part No.STP4NB100
    ManufacturerISC
    Size398 Kbytes
    Pages2 pages
    DescriptionN-Channel MOSFET Transistor