Electronic Components Datasheet Search
  English  ▼

X  

SR5311 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SR5311 Datasheet

  • # Example questions: ➢ What is the maximum allowable forward current for this led lamp?
    ➢ What is the recommended operating temperature range for this led lamp?
    ➢ What is the typical luminous intensity of the sr5311 / sr5311(b) when a forward current of 5ma is applied?

  • Part No.SR5311
    ManufacturerAUK
    Size205 Kbytes
    Pages4 pages
    DescriptionLED Lamp
    Datasheet Summary with AI

    # SR5311 / SR5311(B) LED Lamp

    ## Features

    · Colorless transparency lens type
    · φ5mm (T-13/4) all plastic mold type
    · High luminosity

    ## Outline Dimensions (mm)
    · Straight Type: 4.80~5.20, 12.00 Min, 26.00 Min, 1.00 Max, 8.40~8.80, 0.50 Max, 0.05 Typ, 1.50 Min, 2.54 Typ, 0.55 Max, 5.50~6.00, 8.40~8.80, 26.00 Min, 1.50 Min, 2.54 Typ, 0.55 Max, 5.60~6.00, 1.20 Min, 0.06 Max, 1.27 Typ, 0.05 Typ
    · Stopper Type (B): 4.80~5.20, 1.00 Max, 8.40~8.80, 0.50 Max, 0.05 Typ, 1.50 Min, 2.54 Typ, 0.55 Max, 5.50~6.00, 8.40~8.80, 26.00 Min, 1.50 Min, 2.54 Typ, 0.55 Max, 5.60~6.00, 1.20 Min, 0.06 Max, 1.27 Typ, 0.05 Typ

    ## Absolute Maximum Ratings (Ta = 25°C)

    Characteristic Symbol Rating Unit
    Power dissipation PD 25 mW
    Forward current IF 10 mA
    Peak forward current IFP 50 mA
    Reverse voltage VR 4 V
    Operating temperature range Topr -20 to 85 °C
    Storage temperature range Tstg -30 to 100 °C
    Soldering temperature Tsol 260 for 10 seconds °C

    ## Electrical / Optical Characteristics (Ta = 25°C)

    Characteristic Symbol Test Condition Min. Typ. Max. Unit
    Forward voltage VF IF = 5mA - 2.0 2.5 V
    Luminous intensity IV IF = 5mA 5 10 - mcd
    Peak wavelength λP IF = 5mA - 700 - nm
    Spectrum bandwidth ∆λ IF = 5mA - 100 - nm
    Reverse current IR VR = 4V - - 10 μA
    Half angle θ1/2 IF = 5mA - ±11 - deg

    ## Intended Use & Liability

    · Primarily for general electronic equipment.
    · Consult AUK Corp. before use in high-quality/reliability equipment or life-critical applications.
    · AUK Corp. disclaims liability for damages from improper use.

    ## Specifications

    · Subject to change without notice.

    # SR5311 / SR5311(B) LED Lamp

    ## Features

    · Colorless transparency lens type
    · φ5mm (T-13/4) all plastic mold type
    · High luminosity

    ## Outline Dimensions (mm)
    · Straight Type: 4.80~5.20, 12.00 Min, 26.00 Min, 1.00 Max, 8.40~8.80, 0.50 Max, 0.05 Typ, 1.50 Min, 2.54 Typ, 0.55 Max, 5.50~6.00, 8.40~8.80, 26.00 Min, 1.50 Min, 2.54 Typ, 0.55 Max, 5.60~6.00, 1.20 Min, 0.06 Max, 1.27 Typ, 0.05 Typ
    · Stopper Type (B): 4.80~5.20, 1.00 Max, 8.40~8.80, 0.50 Max, 0.05 Typ, 1.50 Min, 2.54 Typ, 0.55 Max, 5.50~6.00, 8.40~8.80, 26.00 Min, 1.50 Min, 2.54 Typ, 0.55 Max, 5.60~6.00, 1.20 Min, 0.06 Max, 1.27 Typ, 0.05 Typ

    ## Absolute Maximum Ratings (Ta = 25°C)

    Characteristic Symbol Rating Unit
    Power dissipation PD 25 mW
    Forward current IF 10 mA
    Peak forward current IFP 50 mA
    Reverse voltage VR 4 V
    Operating temperature range Topr -20 to 85 °C
    Storage temperature range Tstg -30 to 100 °C
    Soldering temperature Tsol 260 for 10 seconds °C

    ## Electrical / Optical Characteristics (Ta = 25°C)

    Characteristic Symbol Test Condition Min. Typ. Max. Unit
    Forward voltage VF IF = 5mA - 2.0 2.5 V
    Luminous intensity IV IF = 5mA 5 10 - mcd
    Peak wavelength λP IF = 5mA - 700 - nm
    Spectrum bandwidth ∆λ IF = 5mA - 100 - nm
    Reverse current IR VR = 4V - - 10 μA
    Half angle θ1/2 IF = 5mA - ±11 - deg

    ## Intended Use & Liability

    · Primarily for general electronic equipment.
    · Consult AUK Corp. before use in high-quality/reliability equipment or life-critical applications.
    · AUK Corp. disclaims liability for damages from improper use.

    ## Specifications

    · Subject to change without notice.

    Part No.SR5311
    ManufacturerAUK
    Size205 Kbytes
    Pages4 pages
    DescriptionLED Lamp
    Privacy Policy
    ALLDATASHEET.COM
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List