Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.DS160PR412RUAR
MfrTI
Size3Mb
Pages37 pages
DescriptionDS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
Datasheet SummaryAI
# DS160PR412 PCIe® 4.0 16 Gbps 4-channel Linear Redriver

## Features
· Quad channel PCIe 4.0 linear redriver with integrated 1:2 demux
· Supports UPI, DisplayPort, SAS, SATA, XFI interfaces
· Single 3.3V supply rail
· Low power consumption: 120mW/channel
· Equalization up to 17dB at 8GHz
· Low return loss: -13dB input, -15dB output
· Low additive random jitter: 70fs
· Low latency: 80ps
· Configuration via pin control or SMBus/I2C

## Applications
· Desktop PC/motherboard
· Rack server
· Microserver & tower server
· High performance computing
· Hardware accelerator
· Network attached storage
· Storage area network (SAN) & host bus adapter (HBA)
· Network interface card (NIC)

## Description
The DS160PR412 is a four-channel linear redriver with an integrated demultiplexer. It is designed to support PCIe 4.0 and other interfaces and uses continuous time linear equalizers (CTLE) to boost high-frequency signals, compensating for signal degradation over traces and cables. The device supports link training for optimal electrical performance.

## Specifications
· Absolute Maximum Ratings: VCC = -0.5 to 4.0V
· Recommended Operating Conditions: VCC = 3.0 to 3.6V
· Power Consumption (per channel): 120mW
· Input/Output Capacitance: 1.5pF
· Junction Temperature: Max 150°C

## Pinout Highlights
· MODE, GAIN, EQ0, EQ1: Configuration pins for device settings.
· SDA/SCL: SMBus/I2C communication pins.
· RX0P/RX0N, RX1P/RX1N, RX2P/RX2N, RX3P/RX3N: Receiver inputs.
· TXA0P/TXA0N, TXA1P/TXA1N, TXA2P/TXA2N, TXA3P/TXA3N: Transmitter outputs.
DS160PR412RUAR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about DS160PR412RUAR Datasheet.
    Example questions: ➤ What is the recommended smbus/i2c clock frequency (scl) when the device is in smbus slave mode?➤ What is the typical supply current (istby) when the device is in standby power mode and all channels are disabled?➤ What is the recommended minimum pulse width (pwlvcmos) required on the lvcmos inputs (pd, sel) for the device to detect a valid signal?
  • Datasheet Details
    Part No.DS160PR412RUAR
    ManufacturerTI
    Size3Mb
    Pages37 pages
    DescriptionDS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
    Datasheet Summary AI Expand summary
    # DS160PR412 PCIe® 4.0 16 Gbps 4-channel Linear Redriver

    ## Features
    · Quad channel PCIe 4.0 linear redriver with integrated 1:2 demux
    · Supports UPI, DisplayPort, SAS, SATA, XFI interfaces
    · Single 3.3V supply rail
    · Low power consumption: 120mW/channel
    · Equalization up to 17dB at 8GHz
    · Low return loss: -13dB input, -15dB output
    · Low additive random jitter: 70fs
    · Low latency: 80ps
    · Configuration via pin control or SMBus/I2C

    ## Applications
    · Desktop PC/motherboard
    · Rack server
    · Microserver & tower server
    · High performance computing
    · Hardware accelerator
    · Network attached storage
    · Storage area network (SAN) & host bus adapter (HBA)
    · Network interface card (NIC)

    ## Description
    The DS160PR412 is a four-channel linear redriver with an integrated demultiplexer. It is designed to support PCIe 4.0 and other interfaces and uses continuous time linear equalizers (CTLE) to boost high-frequency signals, compensating for signal degradation over traces and cables. The device supports link training for optimal electrical performance.

    ## Specifications
    · Absolute Maximum Ratings: VCC = -0.5 to 4.0V
    · Recommended Operating Conditions: VCC = 3.0 to 3.6V
    · Power Consumption (per channel): 120mW
    · Input/Output Capacitance: 1.5pF
    · Junction Temperature: Max 150°C

    ## Pinout Highlights
    · MODE, GAIN, EQ0, EQ1: Configuration pins for device settings.
    · SDA/SCL: SMBus/I2C communication pins.
    · RX0P/RX0N, RX1P/RX1N, RX2P/RX2N, RX3P/RX3N: Receiver inputs.
    · TXA0P/TXA0N, TXA1P/TXA1N, TXA2P/TXA2N, TXA3P/TXA3N: Transmitter outputs.