Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI
Size2Mb
Pages50 pages
DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
Datasheet SummaryAI
# LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators

## Features
️· New B-Version: Improved specifications including up to 38V max rating, 2kV ESD rating, 0.37mV low input offset, 3.5nA low input bias current, 200µA/comparator low supply current, 1µsec faster response time, and tiny 2x2mm WSON package availability.
️· Drop-in Replacement: B-version can directly replace LM293, LM393 and LM2903 (A & V grades).
️· Ground-Referenced Input: Common-mode input voltage range includes ground.
️· Wide Input Range: Differential input voltage range up to maximum rated supply voltage (±38V).
️· Output Compatibility: Compatible with TTL, MOS, and CMOS logic.

## Applications
️· Vacuum Robot
️· Single Phase UPS
️· Server PSU
️· Cordless Power Tool
️· Wireless Infrastructure
️· Appliances
️· Building Automation
️· Factory Automation & Control
️· Motor Drives
️· Infotainment & Cluster

## Description
The LM393B/LM2903B are next-generation versions of the industry-standard LM393/LM2903 comparators, offering improved performance for cost-sensitive applications. These devices consist of two independent voltage comparators designed to operate from a single power supply with a wide voltage range. Quiescent current is independent of supply voltage, and outputs can be wired-AND for certain configurations.

## Device Information

Part Number Package Body Size (Nom)
LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V SOIC (8) 4.90 mm x 3.91 mm
LM393B, LM293, LM293A, LM393, LM393A, LM2903 VSSOP (8) 3.00 mm x 3.00 mm
LM293, LM393, LM393A, LM2903 PDIP (8) 9.81 mm × 6.35 mm
LM393, LM393A, LM2903 SO (8) 6.20 mm x 5.30 mm
LM393B, LM293, LM293A, LM393, LM2903, LM2903V TSSOP (8) 3.00 mm x 4.40 mm
LM393B SOT-23 (8) 2.90 mm x 1.60 mm
LM393B, LM2903B WSON (8) 2.00 mm × 2.00 mm

## Specifications (Typical)
️· Supply Voltage: 2V to 36V (B Versions up to 38V)
️· Input Offset Voltage: ±0.37 mV (B Versions)
️· Input Bias Current: 3.5 nA (B Versions)
️· Response Time: 1 µsec
️· ESD Rating: 2 kV (B Versions)
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ For the lm293, lm393, and lm2903, what is the junction-to-case thermal resistance (rθjc) for the tssop-8 package?➤ What is the difference in recommended supply voltage range between the standard devices and the 'b' version devices?➤ What is the junction-to-ambient thermal resistance (rθja) for the lm193 in a soic-8 package?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI
    Size2Mb
    Pages50 pages
    DescriptionLM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
    Datasheet Summary AI Expand summary
    # LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators

    ## Features
    ️· New B-Version: Improved specifications including up to 38V max rating, 2kV ESD rating, 0.37mV low input offset, 3.5nA low input bias current, 200µA/comparator low supply current, 1µsec faster response time, and tiny 2x2mm WSON package availability.
    ️· Drop-in Replacement: B-version can directly replace LM293, LM393 and LM2903 (A & V grades).
    ️· Ground-Referenced Input: Common-mode input voltage range includes ground.
    ️· Wide Input Range: Differential input voltage range up to maximum rated supply voltage (±38V).
    ️· Output Compatibility: Compatible with TTL, MOS, and CMOS logic.

    ## Applications
    ️· Vacuum Robot
    ️· Single Phase UPS
    ️· Server PSU
    ️· Cordless Power Tool
    ️· Wireless Infrastructure
    ️· Appliances
    ️· Building Automation
    ️· Factory Automation & Control
    ️· Motor Drives
    ️· Infotainment & Cluster

    ## Description
    The LM393B/LM2903B are next-generation versions of the industry-standard LM393/LM2903 comparators, offering improved performance for cost-sensitive applications. These devices consist of two independent voltage comparators designed to operate from a single power supply with a wide voltage range. Quiescent current is independent of supply voltage, and outputs can be wired-AND for certain configurations.

    ## Device Information

    Part Number Package Body Size (Nom)
    LM393B, LM2903B, LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V SOIC (8) 4.90 mm x 3.91 mm
    LM393B, LM293, LM293A, LM393, LM393A, LM2903 VSSOP (8) 3.00 mm x 3.00 mm
    LM293, LM393, LM393A, LM2903 PDIP (8) 9.81 mm × 6.35 mm
    LM393, LM393A, LM2903 SO (8) 6.20 mm x 5.30 mm
    LM393B, LM293, LM293A, LM393, LM2903, LM2903V TSSOP (8) 3.00 mm x 4.40 mm
    LM393B SOT-23 (8) 2.90 mm x 1.60 mm
    LM393B, LM2903B WSON (8) 2.00 mm × 2.00 mm

    ## Specifications (Typical)
    ️· Supply Voltage: 2V to 36V (B Versions up to 38V)
    ️· Input Offset Voltage: ±0.37 mV (B Versions)
    ️· Input Bias Current: 3.5 nA (B Versions)
    ️· Response Time: 1 µsec
    ️· ESD Rating: 2 kV (B Versions)