Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25VQ20CSIG
MfrGIGADEVICE
Size1Mb
Pages56 pages
DescriptionUniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
I. Executive Summary

This document describes the GigaDevice GD25VQ20C flash memory, focusing on its operational characteristics and, importantly, its array protection and status register features. The device supports standard SPI, dual SPI, and quad SPI modes. A significant aspect is the flexible protection mechanisms available through the Status Register, allowing for software and hardware-based control of write access to the memory and status register itself. The ability to use OTP bits provides advanced security features.

II. Key Features & Operational Details

️· SPI Modes: Supports Standard SPI, Dual SPI, and Quad SPI.
️· Quad Mode: Enabled via the QE bit in the Status Register. Enabling Quad mode also affects the WP# and HOLD# pins.
️· Array Protection: The array can be software-protected against program and erase commands using the BP4-BP0 bits in the Status Register. The CMP bit provides additional flexibility in defining protected areas.
️· Erase/Program Suspend/Resume: Includes commands to suspend and resume erase/program operations.
️· Security Features: The LB (Lock Bit) enables One-Time Programmable security registers, making them read-only after activation.
️· High Performance Mode: Indicates if the device is in high-performance mode (via HPF bit).

III. Status Register Details (Key Bits & their Functionality)


️· WIP (Write In Progress): Indicates whether the device is busy with a program, erase, or write status register operation.
️· WEL (Write Enable Latch): Controls the ability to write to the status register or perform program/erase operations.
️· BP4-BP0 (Block Protect): Non-volatile bits used to define software-protected regions of the memory array.
️· CMP (Compare): Configures how BP bits affect array protection
️· SRP1, SRP0 (Status Register Protect): Defines how the status register is protected. Options include software protection, hardware protection, power-supply lockdown, and one-time programming.
️· QE (Quad Enable): Enables quad SPI mode and affects the behavior of WP# and HOLD# pins.
️· LB (Lock Bit): Enables security features and makes security registers read-only (OTP).
️· SUS (Suspend): Indicates if the erase/program operation is suspended.
️· HPF (High Performance Flag): Indicates if the device is operating in High Performance Mode.

Important Notes/Caveats from the Documentation:

️· WP# & HOLD#: When using Quad mode (QE=1), the behavior of the WP# and HOLD# pins can change.
️· LB (Lock Bit): Once set, the LB bit is One-Time Programmable.
️· SRP Options: Certain SRP options (e.g., power-supply lockdown, one-time programming) may require special ordering.
️· CMP: Needs to be considered in conjunction with BP4-BP0 bits.
GD25VQ20CSIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25VQ20CSIG Datasheet.
    Example questions: ➤ What happens when the 'wip' bit in the status register is set to '1'?➤ What is the significance of the 'qe' bit, and what precautions should be taken when setting it to '1'?➤ Explain the function of the 'cmp' bit and how it interacts with the 'bp4-bp0' bits to control memory protection.
  • Datasheet Details
    Part No.GD25VQ20CSIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages56 pages
    DescriptionUniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    I. Executive Summary

    This document describes the GigaDevice GD25VQ20C flash memory, focusing on its operational characteristics and, importantly, its array protection and status register features. The device supports standard SPI, dual SPI, and quad SPI modes. A significant aspect is the flexible protection mechanisms available through the Status Register, allowing for software and hardware-based control of write access to the memory and status register itself. The ability to use OTP bits provides advanced security features.

    II. Key Features & Operational Details

    ️· SPI Modes: Supports Standard SPI, Dual SPI, and Quad SPI.
    ️· Quad Mode: Enabled via the QE bit in the Status Register. Enabling Quad mode also affects the WP# and HOLD# pins.
    ️· Array Protection: The array can be software-protected against program and erase commands using the BP4-BP0 bits in the Status Register. The CMP bit provides additional flexibility in defining protected areas.
    ️· Erase/Program Suspend/Resume: Includes commands to suspend and resume erase/program operations.
    ️· Security Features: The LB (Lock Bit) enables One-Time Programmable security registers, making them read-only after activation.
    ️· High Performance Mode: Indicates if the device is in high-performance mode (via HPF bit).

    III. Status Register Details (Key Bits & their Functionality)


    ️· WIP (Write In Progress): Indicates whether the device is busy with a program, erase, or write status register operation.
    ️· WEL (Write Enable Latch): Controls the ability to write to the status register or perform program/erase operations.
    ️· BP4-BP0 (Block Protect): Non-volatile bits used to define software-protected regions of the memory array.
    ️· CMP (Compare): Configures how BP bits affect array protection
    ️· SRP1, SRP0 (Status Register Protect): Defines how the status register is protected. Options include software protection, hardware protection, power-supply lockdown, and one-time programming.
    ️· QE (Quad Enable): Enables quad SPI mode and affects the behavior of WP# and HOLD# pins.
    ️· LB (Lock Bit): Enables security features and makes security registers read-only (OTP).
    ️· SUS (Suspend): Indicates if the erase/program operation is suspended.
    ️· HPF (High Performance Flag): Indicates if the device is operating in High Performance Mode.

    Important Notes/Caveats from the Documentation:

    ️· WP# & HOLD#: When using Quad mode (QE=1), the behavior of the WP# and HOLD# pins can change.
    ️· LB (Lock Bit): Once set, the LB bit is One-Time Programmable.
    ️· SRP Options: Certain SRP options (e.g., power-supply lockdown, one-time programming) may require special ordering.
    ️· CMP: Needs to be considered in conjunction with BP4-BP0 bits.