Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25Q64CFJS
MfrGIGADEVICE
Size1Mb
Pages74 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Core Functionality and Purpose:

️· This text describes the characteristics and operation of the GD25Q64C flash memory, a common type of storage used in embedded systems and other applications. It outlines features related to programming, erasing, and protecting data.

2. Status Register Details:

️· Location: The Status Register is a crucial element for controlling the flash memory's operation.
️· Key Bits and Their Meanings:
- WIP (Write In Progress): Indicates whether the device is currently busy performing a write, erase, or status register modification operation. Critical for preventing conflicts.
- WEL (Write Enable Latch): Determines whether the device is receptive to write commands (status register modification, programming, erasing).
- BP4-BP0 (Block Protect Bits): Define areas of the memory that are protected from program and erase operations. These bits are non-volatile (persists across power cycles). Table 1 and Table 2 (referenced but not fully provided in your excerpt) detail precisely *which* memory areas are protected by different combinations of these bits.
- SRP1, SRP0 (Status Register Protect Bits): Control the *method* of protecting the status register itself. They offer various levels of protection – software, hardware (based on the WP# pin), and permanent. See the table in the text for the exact behavior.
■ When SRP1, SRP0 = (1,0), the status register will be reset after a power down/up cycle.
■ When SRP1, SRP0 = (1,1), the status register is permanently protected.

3. Block Protection (BPx) and Associated Memory Areas:

️· The Block Protect bits (BP4-BP0) define areas of memory to be protected from program/erase commands. The text refers to Tables 1 and 2 for the mapping of the BPx bits to specific memory ranges. Without those tables, the exact protected areas can’t be fully determined.
- The Chip Erase (CE) command executes if:
■ BP2, BP1, and BP0 are 0 and CMP=0 or
■ BP2, BP1, and BP0 are 1 and CMP=1.

4. Status Register Protection (SRPx) and Write Methods

️· The SRP1 and SRP0 bits control the method for protecting the status register.
- Software Protection (0,0) – The Status Register can be written to after a Write Enable command, WEL=1
- Hardware Protection (0,1) – Requires WP#=0 to lock the Status Register
- Hardware Unprotected (0,1) – Requires WP#=1 and a Write Enable command
- Power Supply Lock-Down (1,0) – Reset after a power down/up cycle.
- One Time Programmable (1,1) - Permanently protected

5. CMP Bit:
️· Controls if the Block Protect is in Software Protection or Hardware Protection

Key Takeaways & Considerations:

️· Understanding the Tables (1 & 1): The provided excerpt is incomplete without the full Tables 1 and 2. Those tables are *essential* for fully understanding the Block Protection feature and which memory areas are affected.
️· WP# Pin: The WP# (Write Protect) pin is mentioned in the context of hardware protection, but its specific behavior isn't detailed here. It’s likely an external pin that, when asserted (low or high, depending on the device’s design), can put the flash memory in a read-only state.
️· Power Management: The mention of a "Power-Down, Power-Up cycle" indicates that certain status register protection modes (like the Power Supply Lock-Down) can be reset by removing and reapplying power.
GD25Q64CFJS Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25Q64CFJS Datasheet.
    Example questions: ➤ Explain the purpose of the wip (write in progress) bit and how it can be used to determine the status of a program, erase, or write status register operation.➤ What are the functions of the srp1 and srp0 bits within the status register, and how do they interact with the wp pin to control write protection?➤ Describe the conditions under which the chip erase (ce) command will successfully execute, considering both the block protect bits and the cmp bit.
  • Datasheet Details
    Part No.GD25Q64CFJS
    ManufacturerGIGADEVICE
    Size1Mb
    Pages74 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Core Functionality and Purpose:

    ️· This text describes the characteristics and operation of the GD25Q64C flash memory, a common type of storage used in embedded systems and other applications. It outlines features related to programming, erasing, and protecting data.

    2. Status Register Details:

    ️· Location: The Status Register is a crucial element for controlling the flash memory's operation.
    ️· Key Bits and Their Meanings:
    - WIP (Write In Progress): Indicates whether the device is currently busy performing a write, erase, or status register modification operation. Critical for preventing conflicts.
    - WEL (Write Enable Latch): Determines whether the device is receptive to write commands (status register modification, programming, erasing).
    - BP4-BP0 (Block Protect Bits): Define areas of the memory that are protected from program and erase operations. These bits are non-volatile (persists across power cycles). Table 1 and Table 2 (referenced but not fully provided in your excerpt) detail precisely *which* memory areas are protected by different combinations of these bits.
    - SRP1, SRP0 (Status Register Protect Bits): Control the *method* of protecting the status register itself. They offer various levels of protection – software, hardware (based on the WP# pin), and permanent. See the table in the text for the exact behavior.
    ■ When SRP1, SRP0 = (1,0), the status register will be reset after a power down/up cycle.
    ■ When SRP1, SRP0 = (1,1), the status register is permanently protected.

    3. Block Protection (BPx) and Associated Memory Areas:

    ️· The Block Protect bits (BP4-BP0) define areas of memory to be protected from program/erase commands. The text refers to Tables 1 and 2 for the mapping of the BPx bits to specific memory ranges. Without those tables, the exact protected areas can’t be fully determined.
    - The Chip Erase (CE) command executes if:
    ■ BP2, BP1, and BP0 are 0 and CMP=0 or
    ■ BP2, BP1, and BP0 are 1 and CMP=1.

    4. Status Register Protection (SRPx) and Write Methods

    ️· The SRP1 and SRP0 bits control the method for protecting the status register.
    - Software Protection (0,0) – The Status Register can be written to after a Write Enable command, WEL=1
    - Hardware Protection (0,1) – Requires WP#=0 to lock the Status Register
    - Hardware Unprotected (0,1) – Requires WP#=1 and a Write Enable command
    - Power Supply Lock-Down (1,0) – Reset after a power down/up cycle.
    - One Time Programmable (1,1) - Permanently protected

    5. CMP Bit:
    ️· Controls if the Block Protect is in Software Protection or Hardware Protection

    Key Takeaways & Considerations:

    ️· Understanding the Tables (1 & 1): The provided excerpt is incomplete without the full Tables 1 and 2. Those tables are *essential* for fully understanding the Block Protection feature and which memory areas are affected.
    ️· WP# Pin: The WP# (Write Protect) pin is mentioned in the context of hardware protection, but its specific behavior isn't detailed here. It’s likely an external pin that, when asserted (low or high, depending on the device’s design), can put the flash memory in a read-only state.
    ️· Power Management: The mention of a "Power-Down, Power-Up cycle" indicates that certain status register protection modes (like the Power Supply Lock-Down) can be reset by removing and reapplying power.