Electronic Components Datasheet Search
  English  ▼

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.412R7C
MfrMURATA-PS
Size186 Kbytes
Pages2 pages
DescriptionToroidal Surface Mount Inductors
Datasheet SummaryAI
# 4100 Series Toroidal Surface Mount Inductors

## Features

· RoHS compliant
· Inductance range: 2.7μH to 330μH
· Surface mount, J-STD-020C reflow compatible
· Up to 8.10A DC current (I DC)
· UL94 V-0 package materials
· Compact size
· Toroidal construction minimizes EMI
· Pick & place compatible
· Backward compatible with Sn/Pb soldering systems

## Description

· Designed for switching power supplies and DC/DC converters
· Low profile, compact components in a surface mount package

## Selection Guide

Order Code Inductance (μH) Inductance Range (μH) DC Current (A) DC Resistance (mΩ)
412R7C 2.7 2.1 - 3.5 8.1 14
414R7C 4.7 3.3 - 5.4 6.7 18
416R8C 6.8 4.7 - 7.8 5.7 20
41100C 10 7.3 - 12.2 4.7 24
41150C 15 10.6 - 17.6 4.0 28
41220C 22 15.8 - 26.3 3.3 33
41330C 33 23.8 - 39.6 2.7 38
41470C 47 35.5 - 59.2 2.2 62
41680C 68 52.2 - 87.0 1.75 110
41101C 100 75.2 - 125 1.47 158
41151C 150 114 - 189 1.16 247
41221C 220 164 - 274 1.03 377
41331C 330 247 - 412 0.83 462

## Absolute Maximum Ratings

· Operating temperature: -40°C to 85°C
· Storage temperature: -40°C to 125°C

## Soldering Information

· Peak reflow temperature: 245°C
· Pin finish: Pure tin dip

## Package Specifications

· Tube quantity: 25
· Tube material: Antistatic coated clear PVC
· Tube length: 475±2mm
· Package weight: 5.6g (Typ.)



## Resources

· [www.murata-ps.com/rohs](http://www.murata-ps.com/rohs)
· [www.murata-ps.com/support](http://www.murata-ps.com/support)
412R7C Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about 412R7C Datasheet.
    Example questions: ➤ What is the maximum dc resistance value offered within the 4100 series of inductors?➤ How does the maximum dc current change as the inductance value increases within the specified range?➤ What is the operating temperature range for these inductors when in use?
  • Datasheet Details
    Part No.412R7C
    ManufacturerMURATA-PS
    Size186 Kbytes
    Pages2 pages
    DescriptionToroidal Surface Mount Inductors
    Datasheet Summary AI Expand summary
    # 4100 Series Toroidal Surface Mount Inductors

    ## Features

    · RoHS compliant
    · Inductance range: 2.7μH to 330μH
    · Surface mount, J-STD-020C reflow compatible
    · Up to 8.10A DC current (I DC)
    · UL94 V-0 package materials
    · Compact size
    · Toroidal construction minimizes EMI
    · Pick & place compatible
    · Backward compatible with Sn/Pb soldering systems

    ## Description

    · Designed for switching power supplies and DC/DC converters
    · Low profile, compact components in a surface mount package

    ## Selection Guide

    Order Code Inductance (μH) Inductance Range (μH) DC Current (A) DC Resistance (mΩ)
    412R7C 2.7 2.1 - 3.5 8.1 14
    414R7C 4.7 3.3 - 5.4 6.7 18
    416R8C 6.8 4.7 - 7.8 5.7 20
    41100C 10 7.3 - 12.2 4.7 24
    41150C 15 10.6 - 17.6 4.0 28
    41220C 22 15.8 - 26.3 3.3 33
    41330C 33 23.8 - 39.6 2.7 38
    41470C 47 35.5 - 59.2 2.2 62
    41680C 68 52.2 - 87.0 1.75 110
    41101C 100 75.2 - 125 1.47 158
    41151C 150 114 - 189 1.16 247
    41221C 220 164 - 274 1.03 377
    41331C 330 247 - 412 0.83 462

    ## Absolute Maximum Ratings

    · Operating temperature: -40°C to 85°C
    · Storage temperature: -40°C to 125°C

    ## Soldering Information

    · Peak reflow temperature: 245°C
    · Pin finish: Pure tin dip

    ## Package Specifications

    · Tube quantity: 25
    · Tube material: Antistatic coated clear PVC
    · Tube length: 475±2mm
    · Package weight: 5.6g (Typ.)



    ## Resources

    · [www.murata-ps.com/rohs](http://www.murata-ps.com/rohs)
    · [www.murata-ps.com/support](http://www.murata-ps.com/support)